Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM8Z2V7C Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MM8Z2V7C
Description  Zener Voltage Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MM8Z2V7C Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MM8Z2V7C Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MM8Z2V7C Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MM8Z2V7C Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MM8Z2V7C Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOD-882 Surface M
Zener Voltage Regulators
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
+150
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
§ High Speed Switching
§ Small Surface Mounting Type (DFN1006)
§ RoHS Compliant
§ Green EMC
§ Matte Tin(Sn) Lead Finish
§ Band Indicates Cathode
§ Weight: approx. 0.001g
Electrical Characteristics
TA = 25°C unless otherwise noted
Device
Type
Device
Marking
VZ @ IZT
(Volts)
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
µA)
Max
VR
(Volts)
Min
Nom
Max
MM8Z2V0C
8±
1.90
2.0
2.10
5
100
1
564
120
0.5
MM8Z2V2C
8⊥
2.09
2.2
2.31
5
100
1
564
120
0.7
MM8Z2V4C
80
2.2
2.4
2.6
5
100
1
1000
50
1
MM8Z2V7C
81
2.5
2.7
2.9
5
100
1
1000
20
1
MM8Z3V0C
82
2.8
3.0
3.2
5
100
1
1000
10
1
MM8Z3V3C
83
3.1
3.3
3.5
5
95
1
1000
5
1
MM8Z3V6C
84
3.4
3.6
3.8
5
90
1
1000
5
1
MM8Z3V9C
85
3.7
3.9
4.1
5
90
1
1000
3
1
MM8Z4V3C
86
4.0
4.3
4.6
5
90
1
1000
3
1
MM8Z4V7C
87
4.4
4.7
5.0
5
80
1
800
3
2
MM8Z5V1C
88
4.8
5.1
5.4
5
60
1
500
2
2
MM8Z5V6C
89
5.2
5.6
6.0
5
40
1
200
1
2
MM8Z6V2C
8A
5.8
6.2
6.6
5
10
1
100
3
4
MM8Z6V8C
8B
6.4
6.8
7.2
5
15
1
160
2
4
MM8Z7V5C
8C
7.0
7.5
7.9
5
15
1
160
1
5
MM8Z8V2C
8D
7.7
8.2
8.7
5
15
1
160
0.7
5
MM8Z9V1C
8E
8.5
9.1
9.6
5
15
1
160
0.2
7
MM8Z10VC
8F
9.4
10
10.6
5
20
1
160
0.1
8
MM8Z11VC
8G
10.4
11
11.6
5
20
1
160
0.1
8
MM8Z12VC
8H
11.4
12
12.7
5
25
1
80
0.1
8
MM8Z13VC
8J
12.4
13
14.1
5
30
1
80
0.1
8
-
+
SOD882 Package
MM8Z5V6C
Rev 2.0 :
www.leiditech.com
12.01.2019
1/4


Similar Part No. - MM8Z2V7C

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
MM8Z2V7C FS-MM8Z2V7C Datasheet
505Kb / 4P
SOD - 882 Surface M ount Zener Volt ag e Regulators
2021. 08. 20 Revision No : 0
logo
SeCoS Halbleitertechnol...
MM8Z2V7C-C SECOS-MM8Z2V7C-C Datasheet
301Kb / 3P
200mW Surface Mount Zener Voltage Regulators.
More results

Similar Description - MM8Z2V7C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
Zener Voltage Regulators
August, 2004 ??Rev. 5
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 8
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
Zener Voltage Regulators
December, 2011 ??Rev. 7
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 11
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
Zener Voltage Regulators
January, 2012 ??Rev. 9
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
Zener Voltage Regulators
January, 2014 ??Rev. 12
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 11
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
Zener Voltage Regulators
logo
Leshan Radio Company
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com