Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC3827 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC3827
Description  Lithium-Ion Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3827 Datasheet(HTML) 4 Page - Microchip Technology

  TC3827 Datasheet HTML 1Page - Microchip Technology TC3827 Datasheet HTML 2Page - Microchip Technology TC3827 Datasheet HTML 3Page - Microchip Technology TC3827 Datasheet HTML 4Page - Microchip Technology TC3827 Datasheet HTML 5Page - Microchip Technology TC3827 Datasheet HTML 6Page - Microchip Technology TC3827 Datasheet HTML 7Page - Microchip Technology TC3827 Datasheet HTML 8Page - Microchip Technology TC3827 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Lithium-Ion Battery Charger
TC3827
TC3827-2 12/12/00
© 2001 Microchip Technology Inc.
DS21558A
APPLICATIONS INFORMATION
A typical Li-Ion cell should be charged at a controlled
current until it reaches 4.1V or 4.2V (depending on the type
of cell), then charged at this voltage. The TC3827 is de-
signed to offer the maximum integration and function with a
small application circuit. The only necessary external com-
ponents are a PMOS , two small capacitors, and an RSENSE.
The charge current profile can be monitored using the
voltage signal at IMON. The use of an LED as a status
indicator is optional. The application circuit is shown in
Figure 1.
SELECTING EXTERNAL COMPONENTS
Power Supply Input
In most applications, this will be a small “wall cube”
switching converter with an output voltage limit range of 5V
to 6V.
P-Channel Pass Device
The PMOS is used to regulate current from the source
into the Li-Ion cell. Specifications to consider when choosing
an appropriate PMOS are the minimum drain-source break-
down voltage, the minimum turn-on threshold voltage
(VGSTH), drain current and power-dissipation capabilities.
Bypass Capacitors
Bypass VIN with a capacitor value of at least 10µF.
Bypass VOUT with a capacitor value of at least 1µF.
CHARGER MODES DESCRIPTION
Initiating a Charge Cycle
The TC3827 initiates a charge upon toggling the shut-
down pin high, insertion of the battery or application of an
external power source. The TC3827 provides a foldback
current limited charge where an external current sense
resistor sets IMAX. The voltage drop across the current sense
resistor is applied to the VIN -VSNS pins and presented to the
current limited control-loop.The current loop will protect a
deeply discharged (or shorted) battery by folding back the
current limited charge, and reduces the power dissipation in
PMOS.
Current Limited, Constant-voltage Charge
Cycle
The TC3827 begins to charge the Li-Ion cell by turning
on the external PMOS. The charge continues until the
battery voltage rises to the lithium-ion cell voltage of 4.2V or
4.1V (depending on type of cell). As the battery voltage
reaches the regulated output voltage, the internal feedback
Figure 3. TC3827 Test Circuit
V
REG
V
OUT
I
REG
I
MAX
I
FOLDBACK
Constant
Voltage
Mode
Foldback
Current
Limited
Mode
I
SC
I
OUT
Figure 2. TC3827 Charging Characteristic
R
SENSE
=500m
Ω
S
G
D
NDP6020P
PMOS
V
SNS
V
DRV
GND
V
IN
V
IN
V
OUT
V
OUT
SHDN
IMON
MODE
10
µF
TC3827
22
µF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com