Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPPC5351 Datasheet(PDF) 28 Page - Carlo Gavazzi Holding AG

Part # SPPC5351
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC5351 Datasheet(HTML) 28 Page - Carlo Gavazzi Holding AG

Back Button SPPC5351 Datasheet HTML 24Page - Carlo Gavazzi Holding AG SPPC5351 Datasheet HTML 25Page - Carlo Gavazzi Holding AG SPPC5351 Datasheet HTML 26Page - Carlo Gavazzi Holding AG SPPC5351 Datasheet HTML 27Page - Carlo Gavazzi Holding AG SPPC5351 Datasheet HTML 28Page - Carlo Gavazzi Holding AG SPPC5351 Datasheet HTML 29Page - Carlo Gavazzi Holding AG SPPC5351 Datasheet HTML 30Page - Carlo Gavazzi Holding AG SPPC5351 Datasheet HTML 31Page - Carlo Gavazzi Holding AG SPPC5351 Datasheet HTML 32Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
28
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
Wiring diagram
Line - L
Electrical Line
Neutral - N
Ground
Load
N
+
-
L
VAC
VDC
Connection specification
SPPC
25W
35W
50W
75W
150W 1F
150W 1FC
200W
240W
320W
480W
600W
800W
Terminal type
Input: 6.35 mm
3 PIN screw terminals
Screw driver blade
3.5 mm slotted or cross screwdriver
Tightening torque
(recommended)
1 Nm
Flexible conductor
cross section max
4 mm2
Flexible conductor
cross section min
0.5 mm2
Conductor cross
section AWG max
AWG 20
(GND wire >18 AWG)
Conductor cross
section AWG min
AWG 10
(GND wire >18 AWG)
Rigid conductor
cross section min
6 mm2
Rigid conductor
cross section max
0.5 mm2
Max wire diameter
2.8 mm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com