Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPDM Datasheet(PDF) 12 Page - Carlo Gavazzi Holding AG

Part # SPDM
Description  Single Phase Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPDM Datasheet(HTML) 12 Page - Carlo Gavazzi Holding AG

Back Button SPDM Datasheet HTML 8Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 9Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 10Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 11Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 12Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 13Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 14Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 15Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 16Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
12
Carlo Gavazzi Automation S.p.A.
SPDM
SPDM DS ENG
26/02/2019
Environmental
SPDM 30W
SPDM 50W
SPDM 75W
SPDM 120W
SPDM 240W
Temperature operating
range
-25°C to 71°C
-13°F to 159.8°F
-20°C to 70°C
-4°F to 158°F
Temperature storage
-40°C to 85°C
-40°F to 185°F
Humidity
20% to 95% RH No condensing
20% to 90% RH No condensing
Temperature derating
Refer to derating diagrams
Temperature regulation
+/- 0.03%/°C
Compatibility and conformity
SPDM 30W
SPDM 50W
SPDM 75W
SPDM 120W
SPDM 240W
Safety standards
EN60950-1
EMC emission
EN61000-6-3:2007+A1:2011+AC:2012
EN61204-3:2000
EN55022,
EN55024,
FCC PART 15
Class B
EN55022,
EN55024,
Class B
Harmonic current
EN 61000-3-2
EN61000-3-2, Class A
EMC immunity
EN 61000-6-2: 2005+AC: 2005
EN 61204-3: 2000
EN55024:2010+A1: 2015
EN61000-4-2, EN61000-4-3,
EN61000-4-4, EN61000-4-5,
EN61000-4-6,
EN61000-4-11, Heavy industrial level
CE
EN61000-6-3, EN55032 Class B, EN61000-3-2, EN61000-3-3
EN61000-6-2, EN55024, EN61000-4-2 Level 4, EN61000-4-3
Level 3
EN61000-4-4 Level 4, EN61000-4-5 L-N Level 3, L / N-FG
Level 4
EN61000-4-6 Level 3, EN61000-4-8 Level 4, EN691000-4-11
ENV 50204 Level 2, EN61204-3
EN55022,
EN55024, FCC
PART 15
CLASS B
EN55022,
EN55024, FCC
PART 15
CLASS B
UL certification
cULus
cURus
UL1310
UL508 Listed
UL60950-1 (2nd Edition)
Class 2
UL508 Listed
UL60950-1
(2nd Edition)
Class 2 only for
24VDC models
(SPDM24751 and
SPDM24751B)
UL508 Listed
UL60950-1
(2nd Edition)
-
Vibration resistance
IEC 60068-2-6
IEC 60068-2-6
IEC 60068-2-6
Shock resistance
IEC 60068-2-27
IEC 60068-2-27 IEC 60068-2-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com