Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPDM12501/B Datasheet(PDF) 17 Page - Carlo Gavazzi Holding AG

Part # SPDM12501/B
Description  Single Phase Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPDM12501/B Datasheet(HTML) 17 Page - Carlo Gavazzi Holding AG

Back Button SPDM12501/B Datasheet HTML 13Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 14Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 15Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 16Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 17Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 18Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 19Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 20Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 21Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
17
Carlo Gavazzi Automation S.p.A.
SPDM
SPDM DS ENG
26/02/2019
SPDM 240W 24VDC / 48VDC
@ 230VAC
SPDM 120W 12VDC / 24VDC / 48VDC
@ 230 VAC
100%
50%
T
V
T1
T1: 150 mS
T2: 265 mS
T2
0
SPDM 120W 12VDC / 24VDC / 48VDC
@ 110 VAC
100%
50%
T
V
T1
T1: 310 mS
T2: 399 mS
T2
0
100%
50%
T
V
T1
T1: 162 mS
T2: 258 mS
T2
0
SPDM 240W 24VDC / 48VDC
@ 110VAC
100%
50%
T
V
T1
T1: 338 mS
T2: 402 mS
T2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com