Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD12 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # SPD12
Description  Switching Power Supply Type SPD 10W DIN rail mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPD12 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  SPD12 Datasheet HTML 1Page - Carlo Gavazzi Holding AG SPD12 Datasheet HTML 2Page - Carlo Gavazzi Holding AG SPD12 Datasheet HTML 3Page - Carlo Gavazzi Holding AG SPD12 Datasheet HTML 4Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice. Pictures are just an example. For special features and/or customization, please ask to our sales network. 18/04/12
2
Switching Power Supply
Type SPD 10W
DIN rail mounting
Rated input voltage
100 - 240VAC
Voltage range
AC
90 - 264VAC
DC
120 - 375VDC
Rated input current
(Vi : 115VAC, Io nom)
Typ.
200mA
Max.
300mA
Inrush current
Vi= 115VAC
10A
Vi= 230VAC
18A
Input Data
Overload
110 – 145%
Input fuse
T2A/250VAC internal1)
Output short circuit
Hiccup mode
Controls and Protections
Ambient temperature
-20°C to 71°C
Derating (>61°C to +71°C)
2.5%/°C
Ambient humidity
20 ~ 95%RH
Storage
-25°C to +85°C
Protection degree
IP20
Cooling
Free air convection
Insulation voltage
Input-Output 3.000VAC/4242VDC min
Input-FG
1.500VAC/2121VDC min
Insulation resistance I/O
100MΩ min (@ 500VDC)
General Data (@ nominal line, full load, 25°C )
Vibration resistance
meet IEC 60068-2-6
(Mounting by rail: 10-500Hz,
2G, along X, Y, Z each Axis,
60 min for each Axis)
Shock resistance
meet IEC 60068-2-27
(15G, 11ms, 3 Axis, 6 faces,
3 times for each face)
UL / cUL
UL508 listed, UL60950-1,
UL1310 Class 2 Power
Recognized, ISA 12.12.01
(Class 1, Division 2,
Groups A, B, C and D)
TUV
EN 60950-1, CB scheme
CCC
GB4943, GB9254, GB17625.1
Norms and Standards
1)
Fuse not replaceable by user
Power dissipation
(Vi : 230VAC, Io nom)
5V Model
4.0W
12V Model
3.4W
15V Model
3.3W
24V Model
2.8W
Frequency range
47- 63Hz
Leakage current
Input-Output 0.25mA
Input-FG
3.5mA
Over voltage protection
125-145%
Internal surge voltage protection Varistor
(IEC 61000-4-5)
MTBF (Bellcore issue 6 @ 40°C, GB)
5V Model
801000 Hours
12V Model
803000 Hours
15V Model
805000 Hours
24V Model
808000 Hours
Case material
Plastic: PC, UL94-V0
Pollution degree
2
Altitude
2000m
Dimensions LxWxD mm(inch) 90(3.60)x22.5(0,89)x114(4.49)
Weight
120g
CE
EN 61000-6-3, EN 55022
Class B, EN 61000-3-2,
EN 61000-3-3,
EN 61000-6-2,
EN 55024,
EN 61000-4-2 Level 4,
EN 61000-4-3 Level 3,
EN 61000-4-4 Level 4,
EN 61000-4-5 L-Level 3,
L/N-FG Level 4,
EN 61000-4-6 Level 3,
EN 61000-4-8 Level 4,
EN 61000-4-11,
ENV 50204 Level 2,
EN 61204-3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com