Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3130 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3130
Description  Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3130 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3130 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3130 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC3130
Silicon NPN epitaxial planer type
For high-frequency amplification/oscillation/mixing
s Features
q
High transition frequency fT.
q
Small collector output capacitance Cob and common base reverse
transfer capacitance Crb.
q
Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
JEDEC:TO–236
2:Emitter
EIAJ:SC–59
3:Collector
Mini Type Package
2.8
+0.2
–0.3
1.5
+0.25
–0.05
0.65
±0.15
0.65
±0.15
3
1
2
0.4
±0.2
0.1 to 0.3
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
15
10
3
50
150
150
–55 ~ +150
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Base time constant
Common emitter reverse transfer capacitance
hFE ratio
Symbol
ICBO
VCEO
VEBO
hFE
*
VCE(sat)
fT
Cob
rbb' · CC
Crb
∆h
FE
Conditions
VCB = 10V, IE = 0
IC = 2mA, IB = 0
IE = 10µA, IC = 0
VCE = 4V, IC = 5mA
IC = 20mA, IB = 4mA
VCB = 4V, IE = –5mA, f = 200MHz
VCB = 4V, IE = 0, f = 1MHz
VCB = 4V, IE = –5mA, f = 31.9MHz
VCB = 4V, IE = 0, f = 1MHz
VCE = 4V, IC = 100µA
VCE = 4V, IC = 5mA
min
10
3
75
1.4
0.75
typ
200
1.9
1.4
11
0.45
max
1
400
0.5
2.5
1.6
Unit
µA
V
V
V
GHz
pF
ps
pF
Marking symbol :
1S
*h
FE Rank classification
Rank
P
Q
R
hFE
75 ~ 130
110 ~ 220
200 ~ 400
Marking Symbol
1SP
1SQ
1SR


Similar Part No. - 2SC3130

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC3130 ISC-2SC3130 Datasheet
145Kb / 3P
High Current-Gain Bandwidth Product
logo
Foshan Blue Rocket Elec...
2SC3130 FOSHAN-2SC3130 Datasheet
609Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
More results

Similar Description - 2SC3130

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2480 PANASONIC-2SC2480 Datasheet
74Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification / oscillation / mixing)
2SC2636 PANASONIC-2SC2636 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation)
2SC3354 PANASONIC-2SC3354 Datasheet
45Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC3932 PANASONIC-2SC3932 Datasheet
74Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification / oscillation / mixing)
2SC3935 PANASONIC-2SC3935 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC4627 PANASONIC-2SC4627 Datasheet
57Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4655 PANASONIC-2SC4655 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4809 PANASONIC-2SC4809 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC5216 PANASONIC-2SC5216 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC4809J PANASONIC-2SC4809J Datasheet
68Kb / 3P
For high-frequency amplification/oscillation/mixing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com