Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28101 Datasheet(PDF) 1 Page - VITALCONN ELECTRONICS HK LTD.

Part # SC28101
Description  SFP28 2*8 CONN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITALCONN [VITALCONN ELECTRONICS HK LTD.]
Direct Link  http://www.vitalconn.com/
Logo VITALCONN - VITALCONN ELECTRONICS HK LTD.

SC28101 Datasheet(HTML) 1 Page - VITALCONN ELECTRONICS HK LTD.

  SC28101 Datasheet HTML 1Page - VITALCONN ELECTRONICS HK LTD. SC28101 Datasheet HTML 2Page - VITALCONN ELECTRONICS HK LTD. SC28101 Datasheet HTML 3Page - VITALCONN ELECTRONICS HK LTD. SC28101 Datasheet HTML 4Page - VITALCONN ELECTRONICS HK LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RoHS Compliant
80
TYP
9.
YP
66 T
.
8.95±0.15
TYP
3.0
LOCATING PEGS
11.50
2
CAGE
.6
TAILS
TAILS
SIGNAL
1.7
1. CONTACT:
C
3. MOULDED INSERT: HIGH TEMPERA
5. LIGHT PIPES: POLYCARB
6. LIGHT PIPE HOUSING:
7. EMI CLIP
1. CONTACT MATING AREA : PLAT
OVER 1.27 MICRO
C
OVER 1.27 MICRO
TURE PLASTIC UL 94V-0. COLOR:BLACK.
PBT UL 94V-0 COLOR:BLACK.
ING GOLD 0.76 MICROMETERS MINIMUM
EF
R
0
.
5
EF
R
2
.
6
.25
0
±
20
.
3
6
METERS MINIMUM NICKEL.
IN
T
E
T
T
A
M
M
U
M
I
N
I
M
S
R
E
T
E
M
O
R
C
I
M
7
2
.
1
:
E
Y
E
E
L
D
E
E
N
T
METERS MINIMUM NICKEL.
: COPPER ALLOY.
ONATE. UL 94V-0. COLOR:CLEAR
COPPER ALLOY.
K.
C
A
L
B
:
R
O
L
O
C
.
0
V
4
9
L
U
P
C
L
:
G
N
I
S
U
O
H
R
O
T
PHOSPHOR BRONZE.
DATE
YP
0.10
8.95±0.15
TYP
14.00±
T
A
T
N
O
C
.
2
D:
E
T
A
L
P
TAIL A
114.41±0.25
115.81 REF
SEE DE
114.85±0.30
NOTE:
MATERI AL:
2. CONNE
4. CAGE:
CODE


Similar Part No. - SC28101

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
SC281 VITALCONN-SC281 Datasheet
651Kb / 3P
SFP2*8 CAGECONN
logo
Hugo Mueller GmbH & Co....
SC2819PRO HUGO-MUELLER-SC2819PRO Datasheet
197Kb / 2P
DIGITAL YEARLY TIMER
More results

Similar Description - SC28101

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
SC222 VITALCONN-SC222 Datasheet
348Kb / 3P
SFP2*2 CAGECONN
SC223 VITALCONN-SC223 Datasheet
325Kb / 3P
SFP2*2 CAGECONN
SC241XX VITALCONN-SC241XX Datasheet
483Kb / 4P
SFP28 2*4 CAGECONN
SC281 VITALCONN-SC281 Datasheet
651Kb / 3P
SFP2*8 CAGECONN
SN28A VITALCONN-SN28A Datasheet
927Kb / 3P
SFP2*8 CAGECONN
SN28B VITALCONN-SN28B Datasheet
900Kb / 3P
SFP2*8 CAGECONN
SN28C VITALCONN-SN28C Datasheet
916Kb / 3P
SFP2*8 CAGECONN
SN212 VITALCONN-SN212 Datasheet
314Kb / 3P
SFP2*1CAGE CONN
SN214 VITALCONN-SN214 Datasheet
310Kb / 3P
SFP2*1CAGE CONN
SN242 VITALCONN-SN242 Datasheet
544Kb / 3P
SFP2*4CAGE CONN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com