Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1ACOS_S Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # 1ACOS_S
Description  1W - Single output AC-DC converter - Universal input - Non-isolated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

1ACOS_S Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  1ACOS_S Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 1ACOS_S Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 1ACOS_S Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 1ACOS_S Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 4
1ACOS_S – Rev. 2020-1.0
Specifications subject to change without notice.
1W - Single output AC-DC converter - Universal input - Non-isolated
1ACOS_S Series
Common specifications
Operating temperature range
-40°C ~ +85°C
Storage temperature range
-40°C ~ +105°C
Power derating temperature range
-40°C to -20°C: 2%/°C
+70°C to 85°C: 2.67%/°C
85VAC-110VAC: 0.8%/VAC
277VAC-305VAC: 1.1%/VAC
Cooling
Free air convection
Storage Humidity
95% RH (max)
EMC / EMI / CE
CISPR32/EN55032, CLASS A (see typical application circuit)
CISPR32/EN55032, CLASS B (see EMC recommended circuit)
EMC / EMI / RE
CISPR32/EN55032, CLASS A (see typical application circuit)
CISPR32/EN55032, CLASS B (see EMC recommended circuit)
EMC / EMS / ESD
IEC/EN61000-4-2
Contact ±6KV / Air ±8KV (see typical application circuit)
perf. Criteria B
EMC / EMS / RS
IEC/EN61000-4-3
10V/m (see EMC recommended circuit)
perf. Criteria A
EMC / EMS / EFT*
IEC/EN61000-4-4
±2KV (see typical application circuit)
perf. Criteria B
±4KV (see EMC recommended circuit)
perf. Criteria B
EMC / EMS / Surge Immunity
IEC/EN61000-4-5
line to line ±1KV (see typical application circuit)
perf. Criteria B
EMC / EMS / CS
IEC/EN61000-4-6
10 Vr.m.s (see EMC recommended circuit)
perf. Criteria A
EMC / EMS / Voltage dips, short and
interruptions immunity
IEC/EN61000-4-11
0%-70% (see EMC recommended circuit)
perf. Criteria B
Safety standard
IEC62368/EN62368/UL62368
Safety certification
EN62368
Case material
UL94V-0
Install
PCB
MTBF
MIL-HDBK-217F@25°C >300,000h @25°C
Weight
4.2g
Typical characteristics
① With an AC input between 85 - 110VAC/277- 305VAC and a DC input
between 70 - 130VDC/400 - 430VDC, the output power must be
derated as per temperature derating curves;
② This product is suitable for applications using natural air cooling; for
applications in closed environment please consult factory or one of
our FAE.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com