Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GN3B Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # GN3B
Description  REVERSE VOLTGE 50V~1000V FORWARD CURRENT 3.0AMP Surface Mount Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

GN3B Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  GN3B Datasheet HTML 1Page - First Silicon Co., Ltd GN3B Datasheet HTML 2Page - First Silicon Co., Ltd GN3B Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ratings and Characteristic Curves ( TA = 25°C unless otherwise noted )
Fig. 1 – Forward Current Derating Curve
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
Fig 4. – Typical Reverse Characteristics
Fig 3. – Typical Instantaneous Forward
Characteristics
0
25
50 75 100 125 150 175
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
100
10
1
0.1
0.01
10
1.0
0.1
0.01
100
1
2
0
100
50
0
60 Hz
Resistive or
Inductive Load
8.3ms Single Half Sine-wave
(JEDEC Method)
TJ = 25 C
Pulse width = 300µs
1% Duty Cycle
Ambient Temperature, °C
Number of Cycles at 60Hz
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Tj=125℃
Tj=25℃
Fig 5. – Typical Junction Capacitance
0.1
1
10
100
100
10
1.0
TJ = 25 C
f = 1.0 MHz
Vsig = 50mVp-p
Reverse Voltage (V)
Fig 6. –Transient Thermal Impedance
Heating Time (sec)
0.01
0. 1
1
10
100
0.1
1
10
100
8 x 8mm Thick Copper Pad
GN3A ~ GN3M
2009. 09. 28
2/3
Revision No : 0
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com