Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF730F Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # IRF730F
Description  6.0A, 400V, 1.0廓 N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

IRF730F Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  IRF730F Datasheet HTML 1Page - First Silicon Co., Ltd IRF730F Datasheet HTML 2Page - First Silicon Co., Ltd IRF730F Datasheet HTML 3Page - First Silicon Co., Ltd IRF730F Datasheet HTML 4Page - First Silicon Co., Ltd IRF730F Datasheet HTML 5Page - First Silicon Co., Ltd IRF730F Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TYPICAL PERFORMANCE CUVES
(Unless Otherwise Specified)
Case Temperature, TC ( C)
75
100
150
Maximum ContionuousDrain Currentvs. Case
Temperature
0
125
50
25
2
4
6
100
10
0 1
Drain to Source Voltage, VDS (V)
Forward Bias Safe Operating Area
100
10
1
DC
1
1ms
1000
10 s
10ms
TC=25 C
TJ=Max Rated
Single Pulse
100 s
Operation in This Area
is Limited by RDS(on)
Drain to Source Voltage, VDS (V)
80
120
200
OutputCharacteristics
0
160
40
0
2
4
6
8
VGS=10
VGS=6.0V
Pulse Duration= 80μs
Duty Cycle = 0.5% Max
VGS=5 5V
VGS=5.0V
VGS=4.5V
VGS=4.0V
10
Drain to Source Voltage, VDS (V)
80
120
200
Sturation Characteristics
0
160
40
0
2
4
6
8
Pulse Duration= 80μs
Duty Cycle = 0.5% Max
VGS =5.5V
VGS=5.0V
VGS=4.5V
VGS=4.0V
10
VGS=6.0V
VGS=10V
10
1
0.01
Gate to Source Voltage, VGS (V)
Transfer Characteristics
0
0.1
10
2
4
6
8
TJ=150 C
TJ=25 C
VDS
50V
Pulse Duration= 80μs
Duty Cycle = 0.5% Max
Drain to Source on Resistancevs. Gate Voltage and
Drain Current
Drain Current, ID (A)
9
15
0
12
3
0
2
4
6
8
10
VGS =20V
VGS =10V
6
Pulse Duration= 80μs
Duty Cycle = 0.5% Max
MOSFET
2014. 12. 18
5/6
IRF730/F
Revision No : 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com