Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE555P Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # NE555P
Description  General purpose timer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

NE555P Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  NE555P Datasheet HTML 1Page - First Silicon Co., Ltd NE555P Datasheet HTML 2Page - First Silicon Co., Ltd NE555P Datasheet HTML 3Page - First Silicon Co., Ltd NE555P Datasheet HTML 4Page - First Silicon Co., Ltd NE555P Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AC ELECTRICAL CHARACTERISTICS
Parameter, unit
Symbol
Test Conditions
Value
Tempe-
rature,
°С
RL, CL
VCC,
V
Min
Max
Rise (Fall) Time of
Output, ns
tTHL,
tTLH
RL = 10 М , CL = 10 pF 5.0
35
75
25 10
70
150
-20, 70
Guaranteed Max Osc
Freq, kHz
fMAX
Astable Operation
2.0-
18.0
500
25 10
200
-20, 70
Initial accuracy
, %
RL = 1 - 100 k ,
CL = 0.1 μF
5
Drift with Temperature
,
%/°С
f
5.0
0.02
-20, 70
10.0
0.03
15.0
0.06
Drift with Supply Voltage,
f
5.0
3
25 10
%/В
6
-20, 70
Figura 1. Block Diagram
t
THL
t
TLH
t
HL
TRIGGER
GND
V
CC
GND
V
CC
OUTPUT
0.9
0.1
0.1
0.9
0.9
0.1
Figura 2. Switcing Waveforms
I
2011.03. 03
4/ 5
NE555
Revis ion No : 0
+
_
+
_
+
_
Δ
Ω
Ω
Δ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com