Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA05CPH2 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ESDA05CPH2
Description  1-Line Bi-directional TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ESDA05CPH2 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ESDA05CPH2 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA05CPH2 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA05CPH2 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA05CPH2 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
DFN1006 Package Outline Drawing
Rev :
www.leiditech.com
01.06.2018
4/4
0.85mm
0.55mm
D
b
b
1 脚标识
DIM
Millimeters
Min
Max
A
0.40
0.50
A1
0.00
0.05
D
0.55
0.65
E
0.95
1.05
b
0.45
0.55
e
0.65TYP
L
0.2
0.32
L1
0.05REF
ESDA05CPH2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com