Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

360ACMOP Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # 360ACMOP
Description  360W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

360ACMOP Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  360ACMOP Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 360ACMOP Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 360ACMOP Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 360ACMOP Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 4
360ACMOP_S4 – Rev. 2019-1.0
Specifications subject to change without notice.
360ACMOP_S4 Series
360W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
Common specifications
Operating temperature range
0°C ~ +70°C (with derating)
Storage temperature range
-20°C ~ +85°C
Humidity (non-condensing)
0-90% MAX
Cooling
Free air convection
Temperature coefficient
±0.05%/°C
I/O-isolation voltage
4000VAC
5Vsb meet ErP
0.5W @No load
Remote control
(Inhibit) function
EMC / EMI / Conducted and radiated EMI
EN55011 class B (Radiation Class A for 360ACMOP_S4 series)
EMC / EMS / ESD
IEC/EN 61000-4-2
Contact ±8KV / Air ±15KV
perf. Criteria B
EMC / EMS / Radiated Immunity
IEC/EN 61000-4-3
3V/m
perf. Criteria A
EMC / EMS / Fast Transient
IEC/EN 61000-4-4
±2kV
perf. Criteria B
EMC / EMS / Surge
IEC/EN 61000-4-5
Line to Line: ±2KV Line to PE: ±4KV
perf. Criteria B
EMC / EMS / Conducted immunity
IEC/EN 61000-4-6
10Vr.m.s
perf. Criteria A
EMC / EMS / PFMF
IEC/EN 61000-4-8
30A/m
perf. Criteria A
EMC / EMS / Dips
IEC/EN 61000-4-11
30% / 500ms
perf. Criteria B
EMC / EMS / Interruption
EN61000-4-11
>95% 5000ms
Safety standards
UL60601-1 3rd Edition
UL/c-UL UL60950-1
EN60601-1 3rd Edition
TUV EN60950-1
EN60601-1 3rd Edition
CB IEC 60950-1
EMC standards
EN60601-1-2
EN55024
EN 55011 Class B
EN55032 Class B
FCC Part 15 Class B
FCC Part 18 Class B
CE
MTBF
250,000 h @25°C ambient temperature per Telcordia (Bellcore TR-332).
Package
L152.4 × W101.6 × H30.0 mm
Weight
480g
Typical characteristics
Note:
convection cooling Derate linearly 2.5%
per °C from 41 to 70°C
20CFM forced air cooling Derate linearly 2.5%
per °C from 51 to 70°C
20CFM forced air cooling Derate linearly 1.0%
per °C from 0 to -20°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com