Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCE65T900F Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LCE65T900F
Description  LCE N-Channel Super Junction Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LCE65T900F Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LCE65T900F Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE65T900F Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE65T900F Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE65T900F Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE65T900F Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE65T900F Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE65T900F Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE65T900F Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE65T900F Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Parameter
Symbol
LCE65 T900
LCE65 T900D
LCE65 T900F
Unit
Drain Source voltage slope, VDS ≤480 V,
dv/dt
50
V/ns
Reverse diode dv/dt,VDS ≤480 V,ISD<ID
dv/dt
15
V/ns
Operating Junction and Storage Temperature Range
TJ,TSTG
-55...+150
°C
* limited by maximum junction temperature
Table 2.
Thermal Characteristic
Parameter
Symbol
LCE65 T900
LCE65 T900D
LCE65 T900F
Unit
Thermal Resistance,Junction-to-Case(Maximum)
RthJC
2.72
4.3
°C /W
Thermal Resistance,Junction-to-Ambient (Maximum)
RthJA
62
80
°C /W
Table 3.
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
On/off states
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
650
V
Zero Gate Voltage Drain Current(Tc=25℃)
IDSS
VDS=650V,VGS=0V
1
μA
Zero Gate Voltage Drain Current(Tc=125℃)
IDSS
VDS=650V,VGS=0V
50
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
±100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
3
4
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=2.5A
750
900
mΩ
Dynamic Characteristics
Input Capacitance
Clss
VDS=50V,VGS=0V,
F=1.0MHz
370
pF
Output Capacitance
Coss
25
pF
Reverse Transfer Capacitance
Crss
0.5
pF
Total Gate Charge
Qg
VDS=480V,ID=5A,
VGS=10V
10.5
15
nC
Gate-Source Charge
Qgs
2.6
nC
Gate-Drain Charge
Qgd
5.3
nC
Switching times
Turn-on Delay Time
td(on)
VDD=380V,ID=3A,
RG=5Ω,VGS=10V
7
nS
Turn-on Rise Time
tr
3
nS
Turn-Off Delay Time
td(off)
52
62
nS
Turn-Off Fall Time
tf
10
16
nS
Source- Drain Diode Characteristics
Source-drain current(Body Diode)
ISD
TC=25°C
5
A
Pulsed Source-drain current(Body Diode)
ISDM
20
A
Forward on voltage
VSD
Tj=25°C,ISD=5A,VGS=0V
0.9
1.2
V
Reverse Recovery Time
trr
Tj=25°C,IF=2.5A,di/dt=100A/μs
210
nS
Reverse Recovery Charge
Qrr
0.66
uC
Peak reverse recovery current
Irrm
6.5
A
Notes: 1.Repetitive Rating: Pulse width limited by maximum junction temperature
2. Tj=25℃,VDD=50V,VG=10V, RG=25Ω
NCE65T900D,NCE65T900, NCE65T900F
Rev :
www.leiditech.com
01.06.2018
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com