Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS545L Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SS545L
Description  5A Low VF SCHOTTKY BARRIER RECTIFIER Reverse Voltage 45 Volts Forward Current 5.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SS545L Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SS545L Datasheet HTML 1Page - First Silicon Co., Ltd SS545L Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
2017 09 25
1/2
Revision No : 1
SS545L
5A Low VF SCHOTTKY BARRIER RECTIFIER
Reverse Voltage 45 Volts Forward Current 5.0 Amperes
Features
Metal silicon junction, majority carrier conduction
Guardring for overvoltage protection
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection application
Mechanical Data
Case: SMAF molded plastic body
Terminals: Plated leads, solderable per MIL-STD-750, method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Notes:
SMA-FL
Item
Symbol
Unit
Conditions
SS545L
Repetitive Peak Reverse Voltage
VRRM
V
45
Average Rectified Output Current
Io
A
60HZ sine wave, R- load, Ta=25℃
5
Surge(Non-repetitive)Forward
Current
IFSM
A
60HZ sine wave, 1 cycle, Ta=25℃
100
Storage Temperature
Tstg
-55 ~ +150
Junction Temperature
Tj
Thermal Resistance (Typical)
R
θJ-C
℃/W
Between Junction and Case (Note 1)
8
Maximum Ratings
-55 ~ +125
Electronic Characteristics
(Ta=25℃ Unless otherwise specified)
Item
Symbol
Unit
Test Condition
Min
Typ
Max
Peak Forward Voltage
VFM
V
IFM = 5.0A , Tj = 25℃
-
0.41
0.44
IFM = 5.0A , Tj = 125℃
-
0.36
0.40
Reverse Breakdown Voltage
VBR
V
IR=0.5mA
45
58
-
Leakage Current
IR
mA
VR=45V,Tj=25℃
0.2
VR=45V,Tj=125℃
0.04
50
10
1. Device mounted on FR-4 substrate, 1" x 1", 2oz, single-sided, PC boards with 0 56" x 0.73" copper pad.


Similar Part No. - SS545L

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SS545L JUXING-SS545L Datasheet
2Mb / 2P
Surface Mount Low VF Schottky Rectifiers
SS545L JUXING-SS545L Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Rectifiers
logo
DAESAN ELECTRONIC CORP.
SS545LA DAESAN-SS545LA Datasheet
277Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Huixin Electr...
SS545LA HUIXIN-SS545LA Datasheet
183Kb / 2P
5.0Amp Surface Mounted Schottky Barrier Rectifiers
logo
SHIKUES Electronics
SS545LBG SKTECHNOLGY-SS545LBG Datasheet
420Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS545L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MURS540 LUGUANG-MURS540 Datasheet
1Mb / 2P
Reverse Voltage - 400 Volts Forward Current - 5.0 Amperes
logo
GOOD-ARK Electronics
SB520 GOOD-ARK-SB520_15 Datasheet
176Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 5.0 Amperes
logo
Bytesonic Electronics C...
MBR30L45CT BYTESONIC-MBR30L45CT Datasheet
932Kb / 2P
LOW VF SCHOTTKY BARRIER RECTIFIERS VOLTAGE 45 Volts CURRENT 30.0 Amperes
Version 1.1 2018/9/10
logo
First Silicon Co., Ltd
MBRFH3045CT FS-MBRFH3045CT Datasheet
436Kb / 3P
Schottky Barrier Rectifier (Low VF) Reverse Voltage 45 Volts Forward Current 30 Amperes
SB540L FS-SB540L Datasheet
510Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 40 Volts Forward Current 5.0 Amperes
SM5150AF FS-SM5150AF Datasheet
215Kb / 3P
5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 150 to 200 Volts Forward Current 5.0 Amperes
SB5100L FS-SB5100L Datasheet
305Kb / 2P
5A LOW VF SCHOTTKY BARRIER RECTIFIERR everse Voltage 100 Volts Forward Current 5.0 Amperes
SS560L FS-SS560L Datasheet
327Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 60 Volts Forward Current 5.0 Amperes
MBRD2060CT FS-MBRD2060CT Datasheet
616Kb / 3P
Schottky Barrier Rectifier Reverse Voltage 60 Volts Forward Current 20 Amperes
2021. 06. 16 Revision No : 0
SB545L FS-SB545L Datasheet
446Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 45 Volts Forward Current 5.0 Amperes
2022 02 03 Revision No : 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com