Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM50-0002 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM50-0002
Description  Low Noise Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0002 Datasheet(HTML) 2 Page - Tyco Electronics

  AM50-0002 Datasheet HTML 1Page - Tyco Electronics AM50-0002 Datasheet HTML 2Page - Tyco Electronics AM50-0002 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Low Noise Amplifier
1.575 GHz
AM50-0002
2
V8
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Electrical Specifications: TA = +25°C, VDD = +5 V, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
F = 1.575 GHz, PIN = -35 dBm
dB
25
27
29
Noise Figure
F = 1.575 GHz, PIN = -35 dBm
dB
-
1.15
1.4
Input VSWR
F = 1.575 GHz, PIN = -35 dBm
Ratio
-
2.0:1
-
Output VSWR
F = 1.575 GHz, PIN = -35 dBm
Ratio
-
1.5:1
-
Output P1dB
F = 1.575 GHz
dBm
-
1
-
Input IP3
F = 1.575 GHz, PIN = -35 dBm
dBm
-
-14
-
Reverse Isolation
F = 1.575 GHz, PIN = -35 dBm
dB
-
48
-
Bias Current
—
mA
15
20
25
Frequency = 1.575 GHz
Impedance
Electrical Length
T1
57.2 Ω
36.0°
T2
82.7 Ω
16.2°
SOIC-8
Recommended PCB Configuration
Dimensions in inches (mm).
Application Schematic
1
2
3
4
8
7
6
5
GND
GND
GND
GND
GND
GND
T1
RF IN
T2
RF OUT, V
DD



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com