Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPV-SAR Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPV-SAR
Description  1W 3KVDC Isolation Regulated Single Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPV-SAR Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPV-SAR Datasheet HTML 1Page - Toppower Electronic Technology Limited TPV-SAR Datasheet HTML 2Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 2 of 2
TPV-SAR Series
TEMPERATURE DERATING GRAPHS
RECOMMENDED FOOTPRINT DETAILS
MECHANICAL DIMENSIONS
PIN CONNECTIONS
7 PIN SIP
Pin
Function
1
+Vin
2
-Vin
5
-Vout
7
+Vout
TUBE OUTLINE DIMENSIONS
0.30
0.20
15.24
1.25
2.54
YYWW
TPV0505SAR
19.50
0.55
0.45
1 2
5
7
1.88±0.50
6.00
10.00
0.45
0.55
3.60
4.60
bottom view
9.30
5.00
All dimensions in mm ±0.25mm Tube Quantity : 25PCS
4 HOLES
1.00
1.15
2.54
SIP Package
All dimensions in mm ±0.25 mm. All pins on a 2.54mm pitch. Weight: 2.1g
1.5
1.0
0.5
0
-40
0
50 100
150
Ambient Temperature(°C)
85°C
Safe Operating Area
105
TOPPOWER
TOPPOWER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com