Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM50-0004 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM50-0004
Description  High Dynamic Range Low Noise Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0004 Datasheet(HTML) 2 Page - Tyco Electronics

  AM50-0004 Datasheet HTML 1Page - Tyco Electronics AM50-0004 Datasheet HTML 2Page - Tyco Electronics AM50-0004 Datasheet HTML 3Page - Tyco Electronics AM50-0004 Datasheet HTML 4Page - Tyco Electronics AM50-0004 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
High Dynamic Range Low Noise Amplifier
1400 - 2000 MHz
AM50-0004
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V6
2
Electrical Specifications: TA = +25°C, Z0 = 50 Ohms, F = 1785 MHz, Pin = -30 dBm
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
5 V, 45 mA5
dB
12.0
14
3 V, 20 mA
dB
12.5
Noise Figure
5 V, 45 mA5
dB
1.4
1.8
3 V, 20 mA
dB
1.5
Input VSWR
Ratio
1.5:1
Output VSWR
Ratio
2.0:1
Output 1 dB Compression
5 V, 45 mA5
dBm
16.0
3 V, 20 mA
dBm
9.0
5 V, 45 mA5
dBm
13.0
15
3 V, 20 mA
dBm
8.0
Reverse Isolation
dB
22
Drain Current
5 V, 45 mA5
mA
30
45
60
Input IP3
5. Using external 15 Ω resistor. See functional schematic below.
External Components List 6
Part
Value
Case
Size
Manufacturer
Purpose
C1
47 pF
0603
Murata
DC Block
C2
47 pF
0603
Murata
By-Pass
L1
3.9 nH
0603
Coilcraft
Tuning
L2
12 nH
0603
Coilcraft
RF Choke
R1
see
note 7
0603
Panasonic
Optional current
control
6. All external circuitry parts are readily available, low cost
surface mount components (.060 in. x .030 in. or .080 in.
x .050 in.).
7. Pin 2 allows use of an external resistor to ground for
optional, higher current. For 20 mA operation, no resistor is
used.
For IDD ~ 30 mA, R1 = 39 ohms;
IDD ~ 45 mA, R1 = 15 ohms;
IDD ~ 60 mA, R1 = 6 ohms.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to
electrostatic discharge (ESD) and can be damaged by
static electricity. Proper ESD control techniques should
be used when handling these devices.
Functional Schematic
IN
OUT
C1
L1
R1
(See
Note 7)
L2
V
DD
1,4,5,8
6
3
7
2
C2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com