Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM500012 Datasheet(PDF) 1 Page - Tyco Electronics

Part # AM500012
Description  High Dynamic Range LNA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM500012 Datasheet(HTML) 1 Page - Tyco Electronics

  AM500012 Datasheet HTML 1Page - Tyco Electronics AM500012 Datasheet HTML 2Page - Tyco Electronics AM500012 Datasheet HTML 3Page - Tyco Electronics AM500012 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3mm, 12-Lead, FQFP-N
V 1.00
High Dynamic Range LNA,
1800 - 2200 MHz
Features
· Ideal for Base Station Applications
· High Gain: 19 dB @ 2000 MHz
· Low Noise Figure: 1.4 dB
· High Input IP3: +13 dBm
· Small Footprint 3mm FQFP-N Package
Description
M/A-COM’s AM50-0012 is a high dynamic range, GaAs
MMIC, low noise amplifier in a low-cost small footprint
3mm FQFP-N package. It employs external matching to
obtain optimum noise figure and intercept performance.
The AM50-0012 is operated with a supply voltage of +5V.
The AM50-0012 is ideally suited for use where low noise
figure, high gain, and high dynamic range are required.
Typical applications included receiver front ends in TDMA,
CDMA, and DCS base stations. It may also be used as an
IF amplifier in certain other communication systems.
The AM50-0012 is fabricated using a low-cost 0.5-micron
gate E-D SAGFET GaAs process.
This process features
full passivation for increased reliability. The AM50-0012 is
100% RF tested to ensure performance specification
compliance.
Electrical Specifications: TA = 25°C, Z0 = 50 Ohm, F = 2000 MHz, PIN = -30 dBm
Parameter
Test Conditions
Units
Min
Typ
Max
Gain
5V
dB
18
19
21
Noise Figure
5V
dB
1.4
1.7
Output P1dB
5V
dBm
20
Input IP3
5V
dBm
11
13
Output IP3
5V
dBm
32
Input Return Loss
5V
dB
12
Output Return Loss
5V
dB
12
Drain Current
5V
mA
80
100


Similar Part No. - AM500012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM500011V6 MACOM-AM500011V6 Datasheet
182Kb / 4P
High Dynamic Range LNA
More results

Similar Description - AM500012

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2105ATS PHILIPS-CGY2105ATS Datasheet
83Kb / 16P
High dynamic range dual LNA MMIC
1999 Dec 23
logo
Tyco Electronics
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
High Dynamic Range LNA 800 - 1000 MHz
logo
NXP Semiconductors
CGY2106TS PHILIPS-CGY2106TS Datasheet
94Kb / 16P
High dynamic range dual LNA MMIC
2000 Aug 28
logo
Tyco Electronics
AM50-0011V6 MACOM-AM50-0011V6 Datasheet
182Kb / 4P
High Dynamic Range LNA
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
High Dynamic Range LNA 800 - 1000 MHz
MAALSS0045 MACOM-MAALSS0045 Datasheet
144Kb / 4P
High Dynamic Range LNA 1700 - 2400 MHz
AM50-0011 MACOM-AM50-0011_1 Datasheet
101Kb / 4P
High Dynamic Range LNA, 800-1000 MHz
AM50-0012 MACOM-AM50-0012_1 Datasheet
145Kb / 4P
High Dynamic Range LNA 1700-2400 MHz
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
High Dynamic Range Amplifier
logo
OmniVision Technologies...
OV10642 OMNIVISION-OV10642 Datasheet
4Mb / 2P
high dynamic range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com