Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ140 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # SMBJ140
Description  Transient Voltage Suppressor Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SMBJ140 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  SMBJ140 Datasheet HTML 1Page - First Silicon Co., Ltd SMBJ140 Datasheet HTML 2Page - First Silicon Co., Ltd SMBJ140 Datasheet HTML 3Page - First Silicon Co., Ltd SMBJ140 Datasheet HTML 4Page - First Silicon Co., Ltd SMBJ140 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2011. 9. 14
2/5
Revision No : 0
A
C
0
4
4
u
r
h
t
0
.
5
J
B
M
S
Electrical Characteristics (Ta=25℃)
Part Number
(Uni)
Part Number
(Bi)
Breakdown Voltage VBR@IT
Maximum
Reverse
Leakage IR (3)
( A)
Working Peak
Reverse
Voltage
VRWM (V)
Maximum
Reverse Surge
Current IPP(2)
(A)
Maximum
Clamping
Voltage Vc
@ IPP
(V)
Min(V)
Max (V)
IT(1)(mA)
SMBJ5.0
SMBJ5.0C
6.40
7.30
10
800
5.0
62.5
9.6
SMBJ5.0A
SMBJ5.0CA(4)
6.40
7.07
10
800
5.0
65.2
9.2
SMBJ6.0
SMBJ6.0C
6.67
8.15
10
800
6.0
52.6
11.4
SMBJ6.0A
SMBJ6.0CA
6.67
7.37
10
800
6.0
58.3
10.3
SMBJ6.5
SMBJ6.5C
7.22
8.82
10
500
6.5
48.8
12.3
SMBJ6.5A
SMBJ6.5CA
7.22
7.98
10
500
6.5
53.6
11.2
SMBJ7.0
SMBJ7.0C
7.78
9.51
10
200
7.0
45.1
13.3
SMBJ7.0A
SMBJ7.0CA
7.78
8.60
10
200
7.0
50.0
12.0
SMBJ7.5
SMBJ7.5C
8.33
10.20
1.0
100
7.5
42.0
14.3
SMBJ7.5A
SMBJ7.5CA
8.33
9.21
1.0
100
7.5
46.5
12.9
SMBJ8.0
SMBJ8.0C
8.89
10.90
1.0
50
8.0
40.0
15.0
SMBJ8.0A
SMBJ8.0CA
8.89
9.83
1.0
50
8.0
44.1
13.6
SMBJ8.5
SMBJ8.5C
9.44
11.50
1.0
10
8.5
37.7
15.9
SMBJ8.5A
SMBJ8.5CA
9.44
10.4
1.0
10
8.5
41.7
14.4
SMBJ9.0
SMBJ9.0C
10.00
12.20
1.0
5.0
9.0
35.5
16.9
SMBJ9.0A
SMBJ9.0CA
10.00
11.10
1.0
5.0
9.0
39.0
15.4
SMBJ10
SMBJ10C
11.10
13.60
1.0
5.0
10.0
31.9
18.8
SMBJ10A
SMBJ10CA
11.10
12.30
1.0
5.0
10.0
35.3
17.0
SMBJ11
SMBJ11C
12.20
14.90
1.0
5.0
11.0
29.8
20.1
SMBJ11A
SMBJ11CA
12.20
13.50
1.0
5.0
11.0
33.0
18.2
SMBJ12
SMBJ12C
13.30
16.30
1.0
5.0
12.0
27.3
22.0
SMBJ12A
SMBJ12CA
13.30
14.70
1.0
5.0
12.0
30.2
19.9
SMBJ13
SMBJ13C
14.40
17.60
1.0
5.0
13.0
25.2
23.8
SMBJ13A
SMBJ13CA
14.40
15.90
1.0
5.0
13.0
27.9
21.5
SMBJ14
SMBJ14C
15.60
19.10
1.0
5.0
14.0
23.2
25.8
SMBJ14A
SMBJ14CA
15.60
17.20
1.0
5.0
14.0
25.9
23.2
SMBJ15
SMBJ15C
16.70
20.40
1.0
5.0
15.0
22.3
26.9
SMBJ15A
SMBJ15CA
16.70
18.50
1.0
5.0
15.0
24.6
24.4
SMBJ16
SMBJ16C
17.80
21.80
1.0
5.0
16.0
20.8
28.8
SMBJ16A
SMBJ16CA
17.80
19.70
1.0
5.0
16.0
23.1
26.0
SMBJ17
SMBJ17C
18.90
23.10
1.0
5.0
17.0
19.6
30.5
SMBJ17A
SMBJ17CA
18.90
20.90
1.0
5.0
17.0
21.7
27.6
SMBJ18
SMBJ18C
20.00
24.40
1.0
5.0
18.0
18.6
32.2
SMBJ18A
SMBJ18CA
20.00
22.10
1.0
5.0
18.0
20.5
29.2
SMBJ19
SMBJ19C
21.10
25.70
1.0
5.0
19.0
17.6
34.0
SMBJ19A
SMBJ19CA
21.10
23.30
1.0
5.0
19.0
19.5
30.8
SMBJ20
SMBJ20C
22.20
27.10
1.0
5.0
20.0
16.7
35.8
SMBJ20A
SMBJ20CA
22.20
24.50
1.0
5.0
20.0
18.5
32.4
SMBJ22
SMBJ22C
24.40
29.80
1.0
5.0
22.0
15.2
39.4
SMBJ22A
SMBJ22CA
24.40
26.90
1.0
5.0
22.0
16.9
35.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com