Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR431APTLT1G Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LR431APTLT1G
Description  PROGRAMMABLE PRECISION REFERENCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LR431APTLT1G Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LR431APTLT1G Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LR431APTLT1G Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LR431APTLT1G Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LR431APTLT1G Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LR431APTLT1G Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
T
ICAL ER
R ANCE C ARACTERI TIC
1
1
3
1
1
1
C
T
C
A
RE
11
3
4
C
C
C
C
T
C
A
RE
I A
1
1
3
3
4
1
1
3
3
4
C
3 C
R
I
C
I A 1
A
T
C
1
34
1
3
4
T
4
R
T
C
1
1
1
1
1
1
1
1
1
4
1
3
D
I
T
C
I A
A
1
A
1
1
3
4
1
1
1
1
4
1
3
A
T
C
I A 1
A
Fig 1 Cathode Current Vs Cathode Voltage
Cathode Current Vs Cathode Voltage
in the Stable Area
Ik=10mA
LR431ATLT1G Series
Rev :
www.leiditech.com
01.06.2018
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com