Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSD10E100TSL Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LSD10E100TSL
Description  10A/100V Low VF Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LSD10E100TSL Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LSD10E100TSL Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LSD10E100TSL Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LSD10E100TSL Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LSD10E100TSL Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATING (Tamb=25
°C, unless otherwise specified)
Symbol
Parameter
Value
Units
VRRM
Repetitive Peak Reverse Voltage
100
V
IF(AV)
Average Forward Current
10
A
IFSM
Peak Forward Surge Current, 8.3ms single half sine-wave
200
A
TJ & TSTG
Junction and Storage Temperature
-50~+150
°C
ELECTRICAL CHARACTERISTICS (Tamb=25
°C, unless otherwise specified)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
IF = 3A Ta=25°C
0.43
V
IF = 5A Ta=25°C
0.51
V
IF = 10A Ta=25°C
0.59
0.64
V
IF = 15A Ta=25°C
0.67
0.74
V
IF = 3A Ta=125°C
0.36
V
IF = 5A Ta=125°C
0.44
V
IF = 10A Ta=125°C
0.57
0.62
V
VF
Forward Voltage
IF = 15A Ta=125°C
0.62
0.68
V
VR
Reverse Breakdown Voltage
IR = 0.5mA
100
110
V
IR
Reverse Leakage Current
VR = 100V
20
80
μA
CJ
Junction Capacitance
f=1MHz, VR=4V
1000
pF
Rth(JA)
Thermal Resistance Junction
to Ambient (note 1)
98
°C/W
Rth(JL)
Thermal Resistance Junction
to Lead (note 1)
19
°C/W
Note 1: Units mounted on recommended P.C.B. 1 oz. pad layout
LSD10E100TSL
Rev :
www.leiditech.com
01.06.2015
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com