Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3611 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # C3611
Description  Silicon NPN epitaxial planar type(For video amplifier)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

C3611 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  C3611 Datasheet HTML 1Page - Panasonic Semiconductor C3611 Datasheet HTML 2Page - Panasonic Semiconductor C3611 Datasheet HTML 3Page - Panasonic Semiconductor C3611 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Power Transistors
202
2SC3611
VCE(sat)  IC
hFE  IC
fT  IE
PC  Ta
IC  VCE
IC  VBE
Cob  VCB
Area of safe operation (ASO)
0
0
240
40
200
80
160
120
1
2
3
4
5
(1)
(2)
(1)With a 100
×100×2mm
Al heat sink
(2)Without heat sink
Ambient temperature T
a
(˚C)
0
012
210
48
6
240
200
160
120
80
40
TC=25˚C
4.5mA
4.0mA
3.5mA
3.0mA
2.5mA
2.0mA
1.5mA
1.0mA
0.5mA
IB=5.0mA
Collector to emitter voltage V
CE
(V)
0
01.0
0.8
0.6
0.4
0.2
120
100
80
60
40
20
VCE=5V
TC=100˚C
–25˚C
25˚C
Base to emitter voltage V
BE
(V)
0.01
0.03
0.1
0.3
1
3
10
13
10
30
100
300
IC/IB=5
–25˚C
25˚C
TC=100˚C
Collector current I
C
(mA)
0.1
110
0.3
3
30
100
1
3
10
30
100
300
1000
3000
10000
TC=100˚C
25˚C
–25˚C
VCE=5V
Collector current I
C
(mA)
–1
–3
–10
–30
–100 –300 –1000
0
600
500
400
300
200
100
VCB=10V
f=200MHz
TC=25˚C
Emitter current I
E
(mA)
0
1
6
5
4
3
2
1
3
10
30
100
IE=0
f=1MHz
TC=25˚C
Collector to base voltage V
CB
(V)
0.1
0.3
13
1
3
10
30
100
300
1000
10
30
100
300
1000
Single pulse
TC=25˚C
t=10ms
t=1s
t=100ms
ICP
IC
Collector to emitter voltage V
CE
(V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com