Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR60100CT Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MBR60100CT
Description  Multilayer Metal -Silicon Potential Structure.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MBR60100CT Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MBR60100CT Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MBR60100CT Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MBR60100CT Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristic Curves
The forward voltage and forward current curve
Current derating curve, perelement
Tc, Case Temp (
℃)
Vf, Instantaneous Forward Voltage (V)
The reverse leak current and the reverse voltage (single-device) curve.
Vr, Reverse Voltage (V)
18
0
15
30
45
60
75
0
30
60
90
120
150
0.10
1.00
10.00
100.00
1000.00
10000.00
0
20
40
60
80
100
125
℃
75
℃
25
℃
0.0
3.0
6.0
9.0
12.0
15.0
18.0
21.0
24.0
27.0
30.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
125
℃
25
℃
MBR60100CT
Rev 2.0 :
www.leiditech.com
12.01.2019
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com