Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1EXV-2-M2/C01 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M1EXV-2-M2/C01
Description  2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EXV-2-M2/C01 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M1EXV-2-M2/C01 Datasheet HTML 1Page - M-System Co.,Ltd. M1EXV-2-M2/C01 Datasheet HTML 2Page - M-System Co.,Ltd. M1EXV-2-M2/C01 Datasheet HTML 3Page - M-System Co.,Ltd. M1EXV-2-M2/C01 Datasheet HTML 4Page - M-System Co.,Ltd. M1EXV-2-M2/C01 Datasheet HTML 5Page - M-System Co.,Ltd. M1EXV-2-M2/C01 Datasheet HTML 6Page - M-System Co.,Ltd. M1EXV-2-M2/C01 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: M1EXV-2
M1EXV-2 SPECIFICATIONS
ES-5982 Rev.4 Page 3/7
https://www.m-system.co.jp/
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example] Input Range -10 – +10 V, Input Setting 1 – 5 V,
Output Range 0 – 20 mA, Output Setting 4 – 20 mA,
Segment Gain 1.5
■ Overall accuracy
• Input Accuracy = Input Range Span (20 V) ÷ Input Span
Setting (4 V) × 0.03 % = 0.15 %
• Output Accuracy = Output Range Span (20 mA) ÷ Output
Span Setting (16 mA) × 0.06 % × Segment Gain (1.5) =
0.1125 %
Overall Accuracy = 0.15 + 0.1125 = ±0.2625 %
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
RoHS Directive



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com