Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1EXV-2-P/C01 Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # M1EXV-2-P/C01
Description  2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EXV-2-P/C01 Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  M1EXV-2-P/C01 Datasheet HTML 1Page - M-System Co.,Ltd. M1EXV-2-P/C01 Datasheet HTML 2Page - M-System Co.,Ltd. M1EXV-2-P/C01 Datasheet HTML 3Page - M-System Co.,Ltd. M1EXV-2-P/C01 Datasheet HTML 4Page - M-System Co.,Ltd. M1EXV-2-P/C01 Datasheet HTML 5Page - M-System Co.,Ltd. M1EXV-2-P/C01 Datasheet HTML 6Page - M-System Co.,Ltd. M1EXV-2-P/C01 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MODEL: M1EXV-2
M1EXV-2 SPECIFICATIONS
ES-5982 Rev.4 Page 7/7
https://www.m-system.co.jp/
MOUNTING REQUIREMENTS unit: mm [inch]
2–M4 SCREW
* Mounting requirements for base.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
28Ω
Low Drift
Amplifie
Output
Driver
Output
Driver
5
8
9
10
1
2
6
7
11
12
14
15
19
20
13
16
17
18
Digital
Computation
Circuit
Front
Button
+
−
Low Drift
Amplifie
Ch1 OUTPUT
+
−
POWER
Display
Circuit
Ch1 Input Current
Ch1
Input Voltage
3
4
28Ω
Ch2 OUTPUT
+
–
+
–
Ch2 Input Current
Ch2
Input Voltage
+
–
+
–
Isolation
Isolation
Isolation
Isolation
U(+)
V(–)
Base
CONFIGURATOR
JACK
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com