Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10JF-666-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 10JF-666-R
Description  High-density Signal Conditioners 10-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10JF-666-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  10JF-666-R Datasheet HTML 1Page - M-System Co.,Ltd. 10JF-666-R Datasheet HTML 2Page - M-System Co.,Ltd. 10JF-666-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: 10JF
10JF SPECIFICATIONS
ES-0880 Rev.11 Page 3/3
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
130 (5.12)
3 (.12)
51 (2.01)
2–4.3 (.17) dia.
MTG HOLE
TERMINAL COVER
7–M3.5 SCREW
8 (.31)
25 (.98)
1
2
3
5
6
7
8
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
PU-2x
+
+
Isolation
INPUT 1
1
Multiplexer
Output
Driver
OUTPUT 1
2
3
7
8
Digital
Computation
SERIAL TRANSMISSION LINE
+
S
Z
Output
Driver
OUTPUT 2
5
6
* Input shunt resistor incorporated for current input.
**1 output type has the output 1 connected to the card-edge connector in parallel.
Note: The section enclosed by broken line is only for 2nd output channel.
OUTPUT 2**
POWER
+
INPUT 2
MODULAR JACK
*
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com