Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3743 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SC3743
Description  Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3743 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SC3743 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3743 Datasheet HTML 2Page - Panasonic Semiconductor 2SC3743 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Power Transistors
2SC3743
Area of safe operation, reverse bias ASO
Reverse bias ASO measuring circuit
Rth(t) —t
10–3
102
10–2
1
10–1
10
103
104
10–1
1
10
102
103
(1) P
T=10V × 0.3A (3W) and without heat sink
(2) P
T=10V × 1.0A (10W) and with a 100 × 100 × 2mm Al heat sink
(1)
(2)
Time t (s)
0
1600
400
1200
800
1400
200
1000
600
0
8
6
2
5
7
4
1
3
I
CP
I
C
L
coil=100µH
I
C/IB=5
(2I
B1=–IB2)
T
C=25˚C
Collector to emitter voltage V
CE
(V)
L coil
I
C
I
B1
V
in
t
W
–I
B2
Vclamp
V
CC
T.U.T



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com