Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULC0501DN Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ULC0501DN
Description  1-Line Ultra Low Capacitance Uni-directional TVS Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ULC0501DN Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ULC0501DN Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC0501DN Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC0501DN Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ULC0501DN
1-Line Ultra Low Capacitance Uni-directional TVS Diode
Features
●
Ultra low leakage: nA level
●
Operating voltage: 5V
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±25kV
Contact discharge: ±20kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 5A (8/20ns)
●
RoHS Compliant
Applications
●
USB 2.0 power and data line
●
Set-top box and digital TV
●
Digital video interface (DVI)
●
Notebook Computers
●
SIM Ports
●
10/100 Ethernet
Dimensions DFN1006
Pin Configuration
Mechanical Characteristics
●
Package: DFN1006
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:10,000pcs
●
Reel Size:7 inch
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
80
W
ESD per IEC 61000−4−2 (Air)
VESD
±25
Kv
ESD per IEC 61000−4−2 (Contact)
±20
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃


Similar Part No. - ULC0501DN

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC0501CDN LEIDITECH-ULC0501CDN Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
ULC0501P LEIDITECH-ULC0501P Datasheet
247Kb / 3P
1-Line Ultra Low Capacitance Uni-directional TVS Diode
ULC0501T1 LEIDITECH-ULC0501T1 Datasheet
585Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
More results

Similar Description - ULC0501DN

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESD9D12V LEIDITECH-ESD9D12V Datasheet
251Kb / 3P
Ultra Low Capacitance Uni-Directional TVS Diode
ESD4521C LEIDITECH-ESD4521C Datasheet
1Mb / 4P
1-Line Ultra Low Capacitance Uni-directional TVS Diode
ESD4521CH LEIDITECH-ESD4521CH Datasheet
1Mb / 4P
1-Line Ultra Low Capacitance Uni-directional TVS Diode
ESD4521CM LEIDITECH-ESD4521CM Datasheet
1Mb / 4P
1-Line Ultra Low Capacitance Uni-directional TVS Diode
ESD3342CL LEIDITECH-ESD3342CL Datasheet
328Kb / 3P
1-Line Ultra Low Capacitance Uni-directional TVS Diode
ULC0501P LEIDITECH-ULC0501P Datasheet
247Kb / 3P
1-Line Ultra Low Capacitance Uni-directional TVS Diode
ULC0511DN LEIDITECH-ULC0511DN Datasheet
316Kb / 3P
1-Line Ultra Low Capacitance Uni-directional TVS Diode
ULC1642C LEIDITECH-ULC1642C Datasheet
1Mb / 4P
1-Line Ultra Low Capacitance Uni-directional TVS Diode
ESD5Z3L LEIDITECH-ESD5Z3L Datasheet
1Mb / 4P
Ultra Low Capacitance Uni-Directional TVS Diode Array
ESD5V3U1U-02LRH LEIDITECH-ESD5V3U1U-02LRH Datasheet
390Kb / 3P
1-Line Ultra Low Capacitance Uni-directional TVS Diode
Rev : 01.06.2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com