Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB14S Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MB14S
Description  Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 1.0 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MB14S Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MB14S Datasheet HTML 1Page - First Silicon Co., Ltd MB14S Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
MB12S ~ MB110S
2011 11 23
1/2
Revision No : 0
Surface Mount Schottky Bridge Rectifier
Reverse Voltage 20 to 100 Volts Forward Current 1.0 Ampere
Features
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
High surge overload rating:30A peak
Saves space on printed circuit boards
High temperature soldering guaranteed:260
/10 seconds
Mechanical Data
Case:Molded plastic body over passivated junctions
Terminals: plated leads solderable per MIL-STD-750,
Method 2026
Mounting Position:Any
Weight:0.078 oz.,0.22g
Maximum Ratings & Electrical Characteristics
(TA=25
unless otherwise noted)
Parameter
Symbol
MB12S
MB14S
MB16S
MB18S
MB110S
Unit
Maximum repeti ive peak reverse voltage
VRRM
20
40
60
80
100
V
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
M
RMS
14
28
42
56
70
V
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
M
DC
20
40
60
80
100
V
Maximum Average forward output current
IF(AV)
A
Peak forward surge current 8.3 MS single HALF sine-wav
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1 0A
V
0
7
.
0
F
V
Maximum DC reverse current at
TA=25
rated DC blocking voltage per leg
TA=100
RθJA
RθJL
Tj
Storage temperature range
TSTG
Notes: 1. Thermal resistance form junction to ambient and from junction to lead P.C B. mounted on 0 2×0 2"(5.0×5.0mm) copper pad areas.
-55 to +150
88
28
30
0.50
0
5
1
+
o
t
5
5
-
e
g
n
a
r
e
r
u
t
z
r
e
p
m
e
t
n
o
t
c
n
u
j
n
o
i
t
a
r
e
p
O
IR
0.5
20
IFSM
1.0
0.85
mA
Typical thermal resistance per leg(Note1)
A
/W


Similar Part No. - MB14S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB14S MCC-MB14S Datasheet
400Kb / 3P
1 Amp Surface Mount Schottky Bridge Rectifier 20 to 100 Volts
logo
Shenzhen Luguang Electr...
MB14S LUGUANG-MB14S Datasheet
524Kb / 2P
1 Amp Surface mount Schottky Bridge Rectifier 20 to 100 V
logo
Bruckewell Technology L...
MB14S BWTECH-MB14S Datasheet
355Kb / 2P
Surface Mount Schottky Bridge Rectifiers
logo
Thinki Semiconductor Co...
MB14S THINKISEMI-MB14S Datasheet
898Kb / 2P
1.0 Ampere Surface Mount MDS/MD-S Schottky Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
MB14S YFWDIODE-MB14S Datasheet
433Kb / 3P
1A SURFACE MOUNT SCHOTTKY BRIDGE
More results

Similar Description - MB14S

ManufacturerPart #DatasheetDescription
logo
Surge Components
SK12 SURGE-SK12 Datasheet
71Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere???
SS12 SURGE-SS12 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
GOOD-ARK Electronics
SK12 GOOD-ARK-SK12_15 Datasheet
155Kb / 2P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 1.0 Ampere
SK17 GOOD-ARK-SK17_15 Datasheet
158Kb / 2P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 70 to 100 Volts Forward Current 1.0 Ampere
MB12S GOOD-ARK-MB12S Datasheet
173Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 1.0 Ampere
MB22S GOOD-ARK-MB22S Datasheet
105Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampere
logo
First Silicon Co., Ltd
ABS26S FS-ABS26S Datasheet
241Kb / 3P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 60 Volts Forward Current 2.0 Ampere
ABS34 FS-ABS34 Datasheet
283Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 3.0 Ampere
ABS110S FS-ABS110S Datasheet
353Kb / 3P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 100 Volts Forward Current 1.0 Ampere
MB22S FS-MB22S Datasheet
142Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com