Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC08D Datasheet(PDF) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 74HC08D
Description  Quad 2-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

74HC08D Datasheet(HTML) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button 74HC08D Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
001aah768
tW
tW
tr
tr
tf
VM
VI
negative
pulse
GND
VI
positive
pulse
GND
10 %
90 %
90 %
10 %
VM
VM
VM
tf
VCC
DUT
RT
VI
VO
CL
G
Test data is given in Table 9.
Definitions test circuit:
RT = termination resistance should be equal to output impedance Zo of the pulse generator.
CL = load capacitance including jig and probe capacitance.
Figure 7. Test circuit for measuring switching times
Table 9. Test data
Input
Load
Type
VI
tr, tf
CL
Test
74HC08
VCC
6.0 ns
15 pF, 50 pF
tPLH, tPHL
74HCT08
3.0 V
6.0 ns
15 pF, 50 pF
tPLH, tPHL
74HC08; 74HCT08
Rev :
www.leiditech.com
01.06.2015
8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com