Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC08DB Datasheet(PDF) 10 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 74HC08DB
Description  Quad 2-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

74HC08DB Datasheet(HTML) 10 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button 74HC08DB Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08DB Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08DB Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08DB Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08DB Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08DB Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08DB Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08DB Datasheet HTML 13Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08DB Datasheet HTML 14Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
UNIT
A1
A2
A3
bp
c
D(1)
E (1)
e
HE
L
Lp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.21
0.05
1.80
1.65
0.25
0.38
0.25
0.20
0.09
6.4
6.0
5.4
5.2
0.65
1.25
0.2
7.9
7.6
1.03
0.63
0.9
0.7
1.4
0.9
8
0
o
o
0.13
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT337-1
99-12-27
03-02-19
(1)
w M
bp
D
HE
E
Z
e
c
v M A
X
A
y
1
7
14
8
θ
A
A1
A2
Lp
Q
detail X
L
(A )
3
MO-150
pin 1 index
0
2.5
5 mm
scale
SSOP14: plastic shrink small outline package; 14 leads; body width 5.3 mm
SOT337-1
A
max.
2
Figure 9. Package outline SOT337-1 (SSOP14)
74HC08; 74HCT08
Rev :
www.leiditech.com
01.06.2015
10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com