Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2E6-90LSMD Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # SC2E6-90LSMD
Description  Surface Mount 2-Electrode Gas Discharge Tube (GDT)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC2E6-90LSMD Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  SC2E6-90LSMD Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC2E6-90LSMD Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC2E6-90LSMD Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC2E6-90LSMD Datasheet HTML 4Page - Socay Electornics Co., Ltd. SC2E6-90LSMD Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
Revision January 4, 2019
4 / 5
@SOCAY Electronics Corp., Ltd. 2019
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC2E6-SMD Series
SOCAY Electronics Corp., Ltd.
www.socay.com
Part Number
Description
Quantity
SC2E6-XXXLSMD
100PCS per Tray, 10 Trays / Inner Carton
1000 PCS
Tape & Reel -12mm tape/13
″Reel
800 PCS
Tray
Part Numbering
Packaging Information
S C2E6
– X X X L S MD
SMD,
Surface Mount
8/20
μs Level
L, 5KA
Nominal DC Spark-over Voltage
75 = 75V
300=300V
600=600V
90 = 90V
350=350V
150 = 150V
420=420V
230 = 230V
470=470V
Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com