| Electronic Components Datasheet Search |
|
AX-SFJK-API Datasheet(PDF) 11 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AX-SFJK-API Datasheet(HTML) 11 Page - ON Semiconductor |
|
11 / 19 page ![]() AX−SFJK, AX−SFJK−API www.onsemi.com 11 which in this example contains { 0xAA : 0xBB : 0xCC : 0xDD }. AT$CB=0xAA,1 OK The ‘CB’ command sends out a continuous pattern of bits, in this case 0xAA = 0b10101010. AT$P=1 OK This transitions the device into sleep mode. Out−of−band transmissions will still be triggered. The UART is powered down. The device can be woken up by a low level on the UART signal, i.e. by sending break. Table 10. COMMANDS Command Name Description AT Dummy Command Just returns ‘OK’ and does nothing else. Can be used to check communication. AT$SB=bit[,bit] Send Bit Send a bit status (0 or 1). Optional bit flag indicates if AX−SFJK should receive a downlink frame. AT$SF=frame[,bit] Send Frame Send payload data, 1 to 12 bytes. Optional bit flag indicates if AX−SFJK should receive a downlink frame. AT$SO Manually send out of band message Send the out−of−band message. AT$TR? Get the transmit repeat Returns the number of transmit repeats. Default: 2 AT$TR=? Get transmit repeat range Returns the allowed range of transmit repeats. AT$TR=uint Set transmit repeat Sets the transmit repeat, sets only for transmit with downlink frame. ATSuint? Get Register Query a specific configuration register’s value. See the table “Registers” for a list of registers. ATSuint=uint Set Register Change a configuration register. ATSuint=? Get Register Range Returns the range of allowed register values. AT$IF=uint Set TX Frequency Set the output carrier macro channel for Sigfox frames. AT$IF? Get TX Frequency Get the currently chosen TX frequency. AT$DR=uint Set RX Frequency Set the reception carrier macro channel for Sigfox frames. AT$DR? Get RX Frequency Get the currently chosen RX frequency. AT$CW=uint,bit[,uint_opt] Continuous Wave To run emission tests for Sigfox certification it is necessary to send a continuous wave, i.e. just the base frequency without any modulation. Parameters: Name Range Description Frequency 800000000− Continuous wave frequency in Hz. 999999999, 0 Use 923200000 for Sigfox or 0 to keep previous frequency. Mode 0, 1 Enable or disable carrier wave. Power 14 dBm of signal | Default: 14 AT$CB=uint_opt,bit Test Mode: TX constant byte For emission testing it is useful to send a specific bit pattern. The first parameter specifies the byte to send. Use ‘−1’ for a (pseudo−)random pattern. Parameters: Name Range Description Pattern 0−255, −1 Byte to send. Use ‘−1’ for a (pseudo−)random pattern. Mode 0, 1 Enable or disable pattern test mode. AT$T? Get Temperature Measure internal temperature and return it in 1/10th of a degree Celsius. AT$V? Get Voltages Return current voltage and voltage measured during the last transmission in mV. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |