Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2E6-230LSMD Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # SC2E6-230LSMD
Description  Surface Mount 2-Electrode Gas Discharge Tube (GDT)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC2E6-230LSMD Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  SC2E6-230LSMD Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC2E6-230LSMD Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC2E6-230LSMD Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC2E6-230LSMD Datasheet HTML 4Page - Socay Electornics Co., Ltd. SC2E6-230LSMD Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
Revision January 4, 2019
2 / 5
@SOCAY Electronics Corp., Ltd. 2019
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC2E6-SMD Series
SOCAY Electronics Corp., Ltd.
www.socay.com
Part Number
Marking
DC
Spark-
over
Voltage
Maximum
Impulse
Spark-over
Voltage
Minimum
Insulation
Resistance
Maximum
Capacitance
Arc
Voltage
Service Life
Nominal
Impulse
Discharge
Current
Max
Impulse
Discharge
Current
Nominal
Alternating
Discharge
Current
Impulse
Life
@100V/S
@100V/
μs @1KV/μs
@1MHz
@1A
@8/20
μs
±5 times
@8/20
μs
1 time
@50Hz
1 Sec
10 times
@10/1000
μs
300 times
SC2E6-75LSMD
SOCAY
75L
75V
±20%
<500V <650V
1G
Ω
(at 25V DC)
<1.0pF
~15V
5KA
10KA
5A
100A
SC2E6-90LSMD
SOCAY
90L
90V
±20%
<500V <650V
1G
Ω
(at 50V DC)
<1.0pF
~15V
5KA
10KA
5A
100A
SC2E6-150LSMD
SOCAY
150L
150V
±20%
<500V <650V
1G
Ω
(at 50V DC)
<1.0pF
~20V
5KA
10KA
5A
100A
SC2E6-230LSMD
SOCAY
230L
230V
±20%
<600V <700V
1G
Ω
(at 100V DC)
<1.0pF
~20V
5KA
10KA
5A
100A
SC2E6-300LSMD
SOCAY
300L
300V
±20%
<700V <800V
1G
Ω
(at 100V DC)
<1.0pF
~20V
5KA
10KA
5A
100A
SC2E6-350LSMD
SOCAY
350L
350V
±20%
<700V <800V
1G
Ω
(at 100V DC)
<1.0pF
~20V
5KA
10KA
5A
100A
SC2E6-420LSMD
SOCAY
420L
420V
±20%
<800V <900V
1G
Ω
(at 100V DC)
<1.0pF
~20V
5KA
10KA
5A
100A
SC2E6-470LSMD
SOCAY
470L
470V
±20%
<900V
<
1000V
1G
Ω
(at 100V DC)
<1.0pF
~20V
5KA
10KA
5A
100A
SC2E6-600LSMD
SOCAY
600L
600V
±20%
<
1100V
<
1200V
1G
Ω
(at 100V DC)
<1.0pF
~20V
5KA
10KA
5A
100A
Notes:
1. Terms in accordance with ITU-T K.12 and GB/T 9043-2008
2. At delivery AQL 0.65 level Ⅱ, DIN ISO 2859
Device Dimensions
(Unit: mm)
Electrical Characteristics
Recommended pad outline



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com