Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSVBAT54SWT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSVBAT54SWT1G
Description  Dual Series Schottky Barrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVBAT54SWT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NSVBAT54SWT1G Datasheet HTML 1Page - ON Semiconductor NSVBAT54SWT1G Datasheet HTML 2Page - ON Semiconductor NSVBAT54SWT1G Datasheet HTML 3Page - ON Semiconductor NSVBAT54SWT1G Datasheet HTML 4Page - ON Semiconductor NSVBAT54SWT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAT54SW
www.onsemi.com
3
TYPICAL CHARACTERISTICS
100
0.0
0.1
VF, FORWARD VOLTAGE (VOLTS)
0.2
0.3
0.4
0.5
10
1.0
0.1
85°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
510
15
20
25
0
VR, REVERSE VOLTAGE (VOLTS)
510
15
30
Figure 2. Forward Voltage
Figure 3. Leakage Current
Figure 4. Total Capacitance
−40°C
25°C
TA = 150°C
0.6
−55°C
150°C
125°C
100
1000
30
25
20
14
12
10
8
6
4
2
0
TA = 125°C
TA = 85°C
TA = 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com