Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCE1502R Datasheet(PDF) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LCE1502R
Description  LCE N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LCE1502R Datasheet(HTML) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LCE1502R Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE1502R Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE1502R Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE1502R Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE1502R Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE1502R Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SOT-223-3L Package Information
Notes
1. All dimensions are in millimeters.
2. Tolerance ±0.10mm (4 mil) unless otherwise specified
3. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 5 mils.
4. Dimension L is measured in gauge plane.
5. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact.
Rev : 01.06.2014
2/6
www.leiditech.com
LCE1502R
Pb Free Product
LCE1502R
LCE1502R
LCE1502R
LCE1502R
Pb Free Product
LCE1502R
LCE1502R
LCE1502R
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com