Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10PV Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 10PV
Description  High-density Signal Conditioners 10-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10PV Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  10PV Datasheet HTML 1Page - M-System Co.,Ltd. 10PV Datasheet HTML 2Page - M-System Co.,Ltd. 10PV Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: 10PV
http://www.m-system.co.jp/
10PV SPECIFICATIONS
ES-0820 Rev.11 Page 2/3
INPUT SPECIFICATIONS
■ Input
19.6 – 98.1 kPa, 0.2 – 1.0 kgf/cm2
20 – 100 kPa, 0.2 – 1.0 bar
20.7 – 103.4 kPa, 3 – 15 psig
INSTALLATION
Current consumption: Approx. 35 mA with voltage output 1
Approx. 55 mA with current output 1
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 10BXx
Weight: 200 g (0.44 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.2 %
Temp. coefficient: ±0.03 %/°C (±0.02 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Permissible overrange: 196 kPa (2.0 kgf/cm2, 1.96 bar, 28
psig)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute
(output 1 to output 2 to power)
1500 V AC @ 1 minute (output or power to ground)
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
25 (.98)
130 (5.12)
3 (.12)
32 (1.26)
2–4.3 (.17) dia.
MTG HOLE
20 (.79)
approx.
27 (1.06)*
[13 (.51)]
PNEUMATIC CONNECTION
Rc 1/4”, Rc 1/8”, 1/4” NPT
**
FITTING
7
8
5
6
4–M3.5 SCREW
8 (.31)
* [
] for Rc 1/8".
** Fitting provided for Rc 1/8" or 1/4" NPT connection.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com