Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMI8043 Datasheet(PDF) 2 Page - ON Semiconductor

Part # EMI8043
Description  Common Mode Filter with ESD Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMI8043 Datasheet(HTML) 2 Page - ON Semiconductor

  EMI8043 Datasheet HTML 1Page - ON Semiconductor EMI8043 Datasheet HTML 2Page - ON Semiconductor EMI8043 Datasheet HTML 3Page - ON Semiconductor EMI8043 Datasheet HTML 4Page - ON Semiconductor EMI8043 Datasheet HTML 5Page - ON Semiconductor EMI8043 Datasheet HTML 6Page - ON Semiconductor EMI8043 Datasheet HTML 7Page - ON Semiconductor EMI8043 Datasheet HTML 8Page - ON Semiconductor EMI8043 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EMI804x Series
www.onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin Name
Device Pin
Type
Description
EMI8041
EMI8042
EMI8043
In_1+
1
1
1
I/O
CMF Channel 1+ to Connector (External)
In_1−
2
2
2
I/O
CMF Channel 1− to Connector (External)
Out_1+
6
10
16
I/O
CMF Channel 1+ to ASIC (Internal)
Out_1−
5
9
15
I/O
CMF Channel 1− to ASIC (Internal)
In_2+
NA
4
4
I/O
CMF Channel 2+ to Connector (External)
In_2−
NA
5
5
I/O
CMF Channel 2− to Connector (External)
Out_2+
NA
7
13
I/O
CMF Channel 2+ to ASIC (Internal)
Out_2−
NA
6
12
I/O
CMF Channel 2− to ASIC (Internal)
In_3+
NA
NA
7
I/O
CMF Channel 3+ to Connector (External)
In_3−
NA
NA
8
I/O
CMF Channel 3− to Connector (External)
Out_3+
NA
NA
10
I/O
CMF Channel 3+ to ASIC (Internal)
Out_3−
NA
NA
9
I/O
CMF Channel 3− to ASIC (Internal)
VN
3,4
3, 8
3,6,14,11
GND
Ground
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Operating Temperature Range
TOP
−40 to +85
°C
Storage Temperature Range
TSTG
−65 to +150
°C
Maximum Lead Temperature for Soldering Purposes
(1/8” from Case for 10 seconds)
TL
260
°C
DC Current per Line
ILINE
100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com