Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C031A Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM79C031A
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C031A Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM79C031A Datasheet HTML 10Page - Advanced Micro Devices AM79C031A Datasheet HTML 11Page - Advanced Micro Devices AM79C031A Datasheet HTML 12Page - Advanced Micro Devices AM79C031A Datasheet HTML 13Page - Advanced Micro Devices AM79C031A Datasheet HTML 14Page - Advanced Micro Devices AM79C031A Datasheet HTML 15Page - Advanced Micro Devices AM79C031A Datasheet HTML 16Page - Advanced Micro Devices AM79C031A Datasheet HTML 17Page - Advanced Micro Devices AM79C031A Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
14
Am79C02/03/031(A) Data Sheet
Discrimination against Out-of-Band Input Signals
When an out-of-band sine wave signal with frequency f and level A is applied to the analog input, there may be
frequency components below 4 kHz at the digital output, caused by the out-of-band signal. These components are
at least the specified dB level below the level of a signal at the same output originating from a 1014 Hz sine wave
signal with a level of A dBm0 also applied to the analog input. The minimum specifications are shown in Figure 5.
Frequency of Out-of-Band Signal
Amplitude of Out-of-Band Signal
Level below A
16.6 Hz < f < 45 Hz
–25 dBm0 < A
≤ 0 dBm0
18 dB
45 Hz < f < 65 Hz
–25 dBm0 < A
≤ 0 dBm0
25 dB
65 Hz < f < 100 Hz
–25 dBm0 < A
≤ 0 dBm0
10 dB
3400 Hz < f < 4600 Hz
–25 dBm0 < A
≤ 0 dBm0
see Figure 5
4600 Hz < f < 100 kHz
–25 dBm0 < A
≤ 0 dBm0
32 dB
0
–10
–20
–30
–40
–50
Frequency (kHz)
3.4
4.0
4.6
–32 dB, –25 dBm0 < input < 0 dBm0
DSLAC Device Specification
Level (dB)
Figure 5.
Discrimination against Out-of-Band Signals
–28 dBm
09875H-009
Note:
The attenuation of the waveform below amplitude A between 3400 Hz
and 4600 Hz is given by the formula:
Attenuation dB
() 14 14
π 4000 f
–
()
1200
----------------------------
sin
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com