Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C02AJC Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM79C02AJC
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C02AJC Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM79C02AJC Datasheet HTML 11Page - Advanced Micro Devices AM79C02AJC Datasheet HTML 12Page - Advanced Micro Devices AM79C02AJC Datasheet HTML 13Page - Advanced Micro Devices AM79C02AJC Datasheet HTML 14Page - Advanced Micro Devices AM79C02AJC Datasheet HTML 15Page - Advanced Micro Devices AM79C02AJC Datasheet HTML 16Page - Advanced Micro Devices AM79C02AJC Datasheet HTML 17Page - Advanced Micro Devices AM79C02AJC Datasheet HTML 18Page - Advanced Micro Devices AM79C02AJC Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
SLAC Products
15
Discrimination against 12 kHz and 16 kHz
Metering Signals
If the DSLAC device is used in a metering application
where 12 kHz or 16 kHz tone bursts are injected onto the
telephone line toward the subscriber, a portion of those
tones also may appear at the VIN terminal. These out-of-
band signals may cause frequency components to ap-
pear below 4 kHz at the digital output. For a 12 kHz tone,
the frequency components below 4 kHz are reduced
from the input by at least 48 dB, and for 16 kHz tones,
the components are reduced by more than 70 dB.
To avoid degradation of in-band transmission perfor-
mance, the input levels of these out-of-band tones
must be limited. The maximum allowable level is 100
mVrms at 12 kHz, and is 500 mVrms at 16 kHz. An
external notch filter at the VIN pin of the DSLAC device,
incorporated with the metering injection design, is ef-
fective in reducing these tone levels.
Spurious Out-of-Band Signals at the
Analog Output
With PCM code words representing a sine wave signal
in the range of 300 Hz to 3400 Hz at a level of 0 dBm0
applied to the digital input, the level of the spurious out-
of-band signals at the analog output is less than the
limits shown in the following table.
With code words representing any sine wave signal in
the range 3.4 kHz to 4.0 kHz at a level of 0 dBm0 applied
to the digital input, the level of the signals at the analog
output are below the limits in Figure 6. The amplitude
of the spurious out-of-band signals between 3400 Hz
and 4600 Hz is given by the formula:
Frequency
Level
4.6 kHz to 40 kHz
–32 dBm0
40 kHz to 240 kHz
–46 dBm0
240 kHz to 1 MHz
–36 dBm0
A14
–
14
π f 4000
–
()
1200
---------------------------- dBm0
sin
–
=
0
–10
–20
–30
–40
–50
–28 dB
–32 dB
DSLAC Device Specification
Frequency (kHz)
3.4
4.0
4.6
Level (dBm0)
09875H-010
Figure 6.
Spurious Out-of-Band Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com