Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2E5-2000D Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # SC2E5-2000D
Description  High Voltage 2-Electrode Gas Discharge Tube (GDT)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC2E5-2000D Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  SC2E5-2000D Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC2E5-2000D Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC2E5-2000D Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC2E5-2000D Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
High Voltage 2-Electrode Gas Discharge Tube (GDT)
Revision December 8, 2020
3 / 4
@SOCAY Electronics Corp., Ltd. 2020
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC2E5 Series
SOCAY Electronics Corp., Ltd.
www.socay.com
Item
Test Condition / Description
Requirement
DC Spark-over Voltage
The voltage is measured with a slowly rate of rise dv / dt=100V/s
To meet
the specified
value
Impulse Spark-over
Voltage
The maximum impulse spark-over voltage is measured with a rise time of
dv / dt=100V//μs or 1KV/μs
Insulation Resistance
The resistance of gas tube shall be measured each terminal each other terminal,
please see above spec.
Capacitance
The capacitance of gas tube shall be measured each terminal to each other
terminal.
Test frequency :1MHz
Nominal Impulse
Discharge Current
The maximum current applying a waveform of 8/20μs that can be applied across
the terminals of the gas tube. One hour after the test is completed, re-testing of the
DC spark-over voltage does not exceed ±30% of the nominal DC spark-over
voltage. Dwell time between pulses is 3 minutes.
Solder Iron Temperature: 350°C +/-5°C
Heating Time: 5 seconds max.
Electrical Rating
Recommended Soldering Profile
Wave soldering
Soldering profile applied a single process
Reflow soldering
Soldering Parameters - Hand Soldering
1.0
0.9
0.5
0.1
0.0
20μsec
30% Max T
I
8μsec



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com