Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1908732 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1908732
Description  TMSTBP 2,5/ 5-STF-5,08 AU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1908732 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1908732 Datasheet HTML 1Page - PHOENIX CONTACT 1908732 Datasheet HTML 2Page - PHOENIX CONTACT 1908732 Datasheet HTML 3Page - PHOENIX CONTACT 1908732 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TMSTBP 2,5/ 5-STF-5,08 AU Order No.: 1908732
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1908732
PHOENIX CONTACT Deutschland GmbH
Page 3 / 4
http://www.phoenixcontact.de
Feb 9, 2011
0710206
DFK-MSTB 2,5/ 5-GF-5,08
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320
V, Number of positions: 5, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Direct mounting
1899016
DFK-MSTBA 2,5/ 5-GF-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 5, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1899317
DFK-MSTBVA 2,5/ 5-GF-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 5, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1899647
EMSTB 2,5/ 5-GF-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 5, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Press-in
1915246
EMSTBV 2,5/ 5-GF-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 5, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Press-in
1825530
IC 2,5/ 5-STGF-5,08
Plug component, Nominal current: 12 A, Rated voltage (III/2): 400
V, Number of positions: 5, Pitch: 5.08 mm, Color: green, Metal
surface: Sn
1823642
ICC 2,5/ 5-STZFD-5,08
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320
V, Number of positions: 5, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Corresponding male crimp contacts with current
[A] and conductor cross section range [mm²] data: 10A/ICC-MT
0,5-1,0 (3190577); 10A/ICC-MT 0,5-1,0 BA (3190603); 12A/ICC-
MT 1,5-2,5 (3190580); 12A/ICC-MT 1,5-2,5 BA (3190593). BA =
Bandkontakte
1842393
MDSTB 2,5/ 5-GF-5,08
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 5, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering, The article can be aligned to
create different nos. of positions! In combination with MVSTB
or FKCV plug components, both an MVSTBW (or FKCVW) and
an MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!
1845662
MDSTBV 2,5/ 5-GF-5,08
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 5, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering, The article can be aligned to
create different nos. of positions! In combination with MVSTB
or FKCV plug components, both an MVSTBW (or FKCVW) and
an MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!
1776537
MSTB 2,5/ 5-GF-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 5, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1777109
MSTBV 2,5/ 5-GF-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 5, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com