Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS164446BMLZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADIS164446BMLZ
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS164446BMLZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADIS164446BMLZ Datasheet HTML 2Page - Analog Devices ADIS164446BMLZ Datasheet HTML 3Page - Analog Devices ADIS164446BMLZ Datasheet HTML 4Page - Analog Devices ADIS164446BMLZ Datasheet HTML 5Page - Analog Devices ADIS164446BMLZ Datasheet HTML 6Page - Analog Devices ADIS164446BMLZ Datasheet HTML 7Page - Analog Devices ADIS164446BMLZ Datasheet HTML 8Page - Analog Devices ADIS164446BMLZ Datasheet HTML 9Page - Analog Devices ADIS164446BMLZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ADIS16446
Data Sheet
Rev. 0 | Page 6 of 23
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Mechanical Shock Survivability
Any Axis, Unpowered, 0.5 ms, ½ Sine
2000 g
Any Axis, Powered, 0.5 ms, ½ Sine
2000 g
VDD to GND
−0.3 V to +3.45 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.3 V
Digital Output Voltage to GND
−0.3 V to VDD + 0.3 V
Temperature
Operating Range
−40°C to +105°C
Storage Range1, 2
−65°C to +125°C
1
Extended exposure to temperatures outside the specified temperature
range of −40°C to +105°C can adversely affect the accuracy of factory
calibration. For best accuracy, store the device within the specified
operating range of −40°C to +105°C.
2
Although the device is capable of withstanding short-term exposure to
150°C, long-term exposure threatens internal mechanical integrity.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the junction to ambient thermal resistance, and θJC is the
junction to case thermal resistance.
Table 4. Thermal Resistance
Package Type
θJA (°C/W)
θJC (°C/W)
Mass (grams)
20-Lead ML-20-3
36.5
16.9
15
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com