Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS1644X/FLEX Datasheet(PDF) 22 Page - Analog Devices

Part # ADIS1644X/FLEX
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS1644X/FLEX Datasheet(HTML) 22 Page - Analog Devices

Back Button ADIS1644X/FLEX Datasheet HTML 15Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 16Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 17Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 18Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 19Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 20Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 21Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 22Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
ADIS16446
Data Sheet
Rev. 0 | Page 22 of 23
PC-Based Evaluation, EVAL-ADIS-FX3 and EVAL-ADIS2
In addition to supporting quick prototype connections between
the ADIS16446 and an embedded processing system, J1 on the
ADIS16IMU2/PCBZ breakout board also connects directly to J1
on both the EVAL-ADIS-FX3 and the older EVAL-ADIS2
evaluation system.
EVAL-ADIS-FX3 is a new and completely open source evaluation
platform for Windows-based systems. The FX3 application
programming interface (API) manages all the complex USB
transactions and implements all the necessary tools to begin
capturing high speed, high performance data in custom
applications. This .NET-compatible API, written in VB.NET
and C#, includes data streaming features tailored to reliably
capturing inertial sensor data at the maximum data rate. The
API is also fully documented, open sourced and is licensed under
the MIT license. The API also includes a wrapper library that
allows users to use the same API in any development environment
with support for .NET (MATLAB®, LabVIEW®, Python™, etc.)
Refer to the EVAL-ADIS-FX3 Evaluation System Wiki Guide for
more information on connecting the ADIS16446 to the EVAL-
ADIS-FX3 system.
Alternatively, the EVAL-ADIS2 provides a simple, functional
test platform that allows users to configure and collect data
from the ADIS16446 IMUs. It is used in conjunction with the
IMU Evaluation Software for the EVAL-ADISX Platforms.
X-RAY SENSITIVITY
Exposure to high dose rate x-rays, such as those in production
systems that inspect solder joints in electronic assemblies, may
affect accelerometer bias errors. For optimal performance,
avoid exposing the ADIS16446 to this type of inspection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com