Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP2002LP Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # HDSP2002LP
Description  0.150 4-Character 5 x 7 Dot Matrix Serial Input Alphanumeric Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HDSP2002LP Datasheet(HTML) 4 Page - Infineon Technologies AG

  HDSP2002LP Datasheet HTML 1Page - Infineon Technologies AG HDSP2002LP Datasheet HTML 2Page - Infineon Technologies AG HDSP2002LP Datasheet HTML 3Page - Infineon Technologies AG HDSP2002LP Datasheet HTML 4Page - Infineon Technologies AG HDSP2002LP Datasheet HTML 5Page - Infineon Technologies AG HDSP2002LP Datasheet HTML 6Page - Infineon Technologies AG HDSP2002LP Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
HDSP200LP/1LP/2LP/3LP
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
4
April 4, 2000-11
Electrical characteristics (–40
°C to +85°C, unless otherwise specified)
Notes:
1) All typical values specified at VCC=5.0 V and TA=25°C unless otherwise noted.
2) See Figure 3: Peak column current versus column voltage.
Figure 3. Peak Column Current vs. Column Voltage
Description
Symbol
Min.
Typ.(1)
Max.
Units
Test Conditions
Supply Current (quiescent)
VCC
—1
5
mA
VB=0.4 V
VCC=5.25 V
VCLK=VDATA=2.4 V
All SR Stages=Logical 1
—1
5
mA
VB=2.4 V
Supply Current (operating)
VCC
1.5
10.0
mA
FCLK=5.0 MHz
Column Current at any Column Input (2)
iCOL (All) —
10
µAV
B=0.4 V
VCC=5.25 V
VCOL=3.5 V
All SR Stages=Logical 1
ICOL
335
410
mA
VB=2.4 V
VB, Clock or Data Input, Threshold Low
VB, Clock or Data Input, Threshold High
VIL
VIH
2.0
0.8
V
V
VCC= 4.75 V–5.25 V
Data Out Voltage
VOH
2.4
V
IOH=–0.5 mA VCC=4.75 V
ICOL=0 mA
VOL
0.4
V
IOL=1.6 mA
Input Current Logical 0, VB only
IIL
–30
–110
–300
µA
VCC=4.75 V–5.25 V, VIL=0.8 V
Input Current Logical 0 Data, Clock
IIL
–1
–10
µA
Power Dissipation per Package (2)
PD
0.4
W
VCC=5.0, VCOL=3.5 V, 17.5% DF
15 LEDs on per character, VB=2.4 V
Thermal Resistance IC
Junction-to-Ambient
R
θ
J-A
—85
°C/W/
Device
VCOL – Column Voltage – Volts
600
500
400
300
200
100
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Tamb = 25°C, VCC = 5.25V
All SR Stages = Logical 1
HDSP2001/2/3
HDSP2000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com