Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7620 Datasheet(PDF) 10 Page - Microchip Technology

Part # HV7620
Description  40 MHz 32-Channel Serial-to-Parallel Converter with Push-Pull Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7620 Datasheet(HTML) 10 Page - Microchip Technology

Back Button HV7620 Datasheet HTML 6Page - Microchip Technology HV7620 Datasheet HTML 7Page - Microchip Technology HV7620 Datasheet HTML 8Page - Microchip Technology HV7620 Datasheet HTML 9Page - Microchip Technology HV7620 Datasheet HTML 10Page - Microchip Technology HV7620 Datasheet HTML 11Page - Microchip Technology HV7620 Datasheet HTML 12Page - Microchip Technology HV7620 Datasheet HTML 13Page - Microchip Technology HV7620 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
HV7620
DS20005779A-page 10
 2019 Microchip Technology Inc.
4.0
PACKAGE MARKING INFORMATION
4.1
Packaging Information
Legend: XX...X
Product Code or Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for product code or customer-specific information. Package may or
not include the corporate logo.
3
e
3
e
YYWWNNN
e3
HV7620PG
1912999
XXXXXXXXe3
64-lead PQFP
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com