Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3871 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC3871
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3871 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC3871 Datasheet HTML 9Page - Analog Devices LTC3871 Datasheet HTML 10Page - Analog Devices LTC3871 Datasheet HTML 11Page - Analog Devices LTC3871 Datasheet HTML 12Page - Analog Devices LTC3871 Datasheet HTML 13Page - Analog Devices LTC3871 Datasheet HTML 14Page - Analog Devices LTC3871 Datasheet HTML 15Page - Analog Devices LTC3871 Datasheet HTML 16Page - Analog Devices LTC3871 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
LTC7872
13
Rev. 0
For more information www.analog.com
OPERATION
Main Control Loop
The LTC7872 is a bidirectional, constant-frequency, cur-
rent mode buck or boost switching regulator controller
with four channels operating equally out of phase. The
LTC7872 is capable of delivering power from VHIGH to
VLOW as well as from VLOW back to VHIGH. When power
is delivered from VHIGH to VLOW, the LTC7872 operates
as a peak-current mode constant-frequency buck regula-
tor; and when power delivery is reversed, it operates as a
valley current mode constant-frequency boost regulator.
Four control loops, two for current and two for voltage,
allow control of voltage or bidirectional current on either
VHIGH or VLOW. The LTC7872 uses an ADI proprietary cur-
rent sensing, current mode architecture. During normal
buck mode operation, the top MOSFET is turned on every
cycle when the oscillator sets the RS latch, and turned off
when the main current comparator, ICMP, resets the RS
latch. The peak inductor current at which ICMP resets the
RS latch is controlled by the voltage on the ITH pin, which
is the output of the error amplifier, EA. The error amplifier
receives the feedback signal and compares it to the inter-
nal 1.2V reference. When the load current increases, it
causes a slight change in the feedback pin voltage relative
to the 1.2V reference, which in turn causes the ITH voltage
to change until the inductor’s average current equals the
new load current. After the top MOSFET has turned off,
the bottom synchronous MOSFET is turned on until the
beginning of the next cycle.
In either buck or boost mode, the two current control
loops always monitor the maximum average inductor cur-
rent. When it increases above the thresholds, the current
loops will take over the ITH pin control from the voltage
loop. As a result, the maximum average inductor current
is limited.
The main control loop is shut down by pulling the RUN pin
low. Releasing the RUN pin allows an internal 2μA current
source to pull it up. When the RUN pin reaches 1.22V,
the IC is powered up and the pull-up current increases to
6μA. When the RUN pin is low, all functions are kept in a
controlled shutdown state.
Current Sensing with Low DCR or RSENSE
The LTC7872 employs a unique architecture to enhance
the signal-to-noise ratio with low current sense offsets.
This enables it to operate with a small current sense signal
from a very low value inductor DCR to improve power
efficiency, and reduce jitter due to switching noise which
could corrupt the signal. Each channel has two positive
current sense pins, SNSD+ and SNSA+, which share
the negative current sense pin SNS–. These sense pins
acquire signals and process them internally to provide
the response equivalent to a DCR sense signal that has
a 14dB (5 times) signal-to-noise ratio. Accordingly, the
current limit threshold is still a function of the inductor
peak-current and its DCR value and can be accurately set
from 10mV to 50mV in 10mV steps with the ILIM pin.
DRVCC/EXTVCC/V5 Power
Power for the external top and bottom MOSFET drivers
is derived from the DRVCC pin. The DRVCC voltage can
be set to 5V, 8V, or 10V using the DRVSET pin. When
the EXTVCC pin is left open or tied to a voltage less than
the switchover voltage programmed by the DRVSET pin,
an internal linear regulator supplies DRVCC power from
VHIGH. When EXTVCC is taken above the switchover volt-
age, the internal regulator between VHIGH and DRVCC is
turned off, and a second internal regulator is turned on
between EXTVCC and DRVCC. Each top MOSFET driver is
biased from a floating bootstrap capacitor, which nor-
mally recharges during each off cycle through an external
diode when the top MOSFET turns off. If the input volt-
age, VHIGH, decreases to a voltage close to VLOW, the
loop may enter dropout and attempt to turn on the top
MOSFET continuously. The dropout detector detects this
and forces the top MOSFET off for about one-twelfth of
the clock period plus 160ns every fifth cycle to allow the
bootstrap capacitor to recharge.
Most of the internal circuitry is powered from the V5
rail that is generated by an internal linear regulator from
DRVCC. The V5 pin needs to be bypassed with a minimum
4.7μF external capacitor to SGND. This pin provides a 5V
output that can supply up to 20mA of current. See the
Applications Information section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com