Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC4449
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC4449 Datasheet HTML 12Page - Analog Devices LTC4449 Datasheet HTML 13Page - Analog Devices LTC4449 Datasheet HTML 14Page - Analog Devices LTC4449 Datasheet HTML 15Page - Analog Devices LTC4449 Datasheet HTML 16Page - Analog Devices LTC4449 Datasheet HTML 17Page - Analog Devices LTC4449 Datasheet HTML 18Page - Analog Devices LTC4449 Datasheet HTML 19Page - Analog Devices LTC4449 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
LTC7872
16
Rev. 0
For more information www.analog.com
where:
VZERO is the IMON voltage when average output current
is zero; VZERO = 1.25V typically
K = 40 if the ILIM voltage is 0V or 1/4 VV5
K = 20 if the ILIM voltage is float, 3/4 VV5 or VV5
IL(ALL) is the total average inductor current including
all four channels
RSENSE is the current sensing resistor value.
An external voltage can be applied to the SETCUR pin
to regulate the maximum average inductor current. The
SETCUR pin voltage should be set as:
VSETCUR =
K •IL MAX
(
) •RSENSE
4
where:
IL(MAX) is the maximum total average inductor current
including all four channels
The SETCURP and SETCURN are internally generated
voltages based on the SETCUR pin:
SETCURP = 1.25V + VSETCUR
SETCURN = |1.25V – VSETCUR|
SETCURP, SETCURN, and IMON are the three inputs to
the current regulation loop error amplifier with SETCURP
and SETCURN acting as the reference. When the IMON pin
voltage approaches SETCURP or SETCURN, the ITH pin
control is taken over by the current loop error amplifier
from the voltage loop error amplifier.
In either buck or boost mode, both the maximum positive
average current and the maximum negative average cur-
rent are regulated. There is a 16µA current flowing out of
the SETCUR pin so that a single resistor to SGND can set
both the positive average current loop and negative aver-
age current loop. The sourcing current from the SETCUR
pin is programmable through the SPI interface. For bat-
tery charging applications, SETCUR can be programmed
dynamically on-the-fly to set the charging currents to the
batteries in either buck or boost mode. SETCUR can be
used at start-up to limit the in-rush current in both buck
mode and boost mode.
b. Both ITH and IMON pins are driven into high imped-
ance. This feature allows the users to isolate one
LTC7872 from a multiphase system in case a fault is
detected on one particular IC.
c. The SS pin is unaffected.
When the UVHIGH comparator crosses its 1.2V threshold:
a. In buck mode, the controller stops switching after a
120μs delay, and the SS pin pulls to SGND.
b. In boost mode, the controller continues to switch. The
SS pin is unaffected.
c. ITH is unaffected in both buck and boost modes.
Table 1. OV/UV Faults
FAULT
MODE SWITCHING ITH PINS
IMON
SS
OVLOW 1.2V
Threshold
Buck
Stops
No Effect No Effect
No Effect
Boost
Continues
No Effect No Effect
No Effect
OVHIGH 1.2V
Threshold
Buck
Stops
No Effect No Effect
No Effect
Boost
Stops
No Effect No Effect
No Effect
OVHIGH 2.4V
Threshold
Buck
Stops
Hi-Z
Hi-Z
No Effect
Boost
Stops
Hi-Z
Hi-Z
No Effect
UVHIGH 1.2V
Threshold
Buck
Stops
No Effect No Effect Pulls to SGND
Boost
Continues
No Effect No Effect
No Effect
Current Monitoring and Regulation
(IMON, SETCUR Pins)
The inductor current can be sensed using either its DCR or
a RSENSE resistor. The current monitoring pin, IMON, out-
puts a voltage that is proportional to the average induc-
tor current of the four channels sensed by the LTC7872.
The operational range of IMON is 0.4V to 2.5V. When the
average inductor current is zero, the IMON pin voltage
rests at 1.25V. As the inductor current increases in buck
mode, the IMON voltage proportionally increases; As the
inductor current increases in boost mode, the IMON volt-
age proportionally decreases. Use the following equation
to calculate the voltages on IMON:
VIMON = VZERO +
K •IL ALL
(
) •RSENSE
4
; Buck Mode
VIMON = VZERO –
K •IL ALL
(
) •RSENSE
4
; Boost Mode
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com